Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTL432XQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZTL432XQ
Description  AUTOMOTIVE COMPLIANT ADJUSTABLE PRECISION SHUNT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL432XQ Datasheet(HTML) 2 Page - Diodes Incorporated

  ZTL432XQ Datasheet HTML 1Page - Diodes Incorporated ZTL432XQ Datasheet HTML 2Page - Diodes Incorporated ZTL432XQ Datasheet HTML 3Page - Diodes Incorporated ZTL432XQ Datasheet HTML 4Page - Diodes Incorporated ZTL432XQ Datasheet HTML 5Page - Diodes Incorporated ZTL432XQ Datasheet HTML 6Page - Diodes Incorporated ZTL432XQ Datasheet HTML 7Page - Diodes Incorporated ZTL432XQ Datasheet HTML 8Page - Diodes Incorporated ZTL432XQ Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ZTL431xQ/ZTL432xQ
Document number: DS36916 Rev. 2 - 2
2 of 11
www.diodes.com
September 2016
© Diodes Incorporated
ZTL431xQ/ZTL432xQ
Absolute Maximum Ratings (Voltages specified are relative to the ANODE pin unless otherwise stated.)
Parameter
Rating
Unit
Cathode Voltage (VKA)
20
V
Continuous Cathode Current (IKA)
150
mA
Reference Input Current Range (IREF)
-50µA to +10mA
Operating Junction Temperature
-40 to +150
°C
Storage Temperature
-55 to +150
°C
ESD Susceptibility
HBM
Human Body Model
2
kV
MM
Machine Model
200
V
CDM
Charged Device Model
1
kV
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings
only; functional operation of the device at conditions between maximum recommended operating conditions and absolute maximum ratings is not
implied. Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
(Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.)
Package Thermal Data
Package
JA
PDIS
TA = +25°C, TJ = +125°C
SOT23
380°C/W
260mW
SOT23F
138°C/W
720mW
SOT25
250°C/W
400mW
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VKA
Cathode Voltage
VREF
20
V
IKA
Cathode Current
1
100
mA
TA
Operating Ambient Temperature Range
-40
+125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
Reference Voltage
VKA = VREF
IKA = 10mA
A - grade
2.475
2.5
2.525
V
B - grade
2.487
2.5
2.513
VDEV
Deviation of Reference Voltage Over Full
Temperature Range
VKA = VREF
IKA = 10 mA
TA = 0 to +70°
6
16
mV
TA = -40 to +85°C
14
34
TA = -40 to +125°C
14
34
VREF
VKA
Ratio of Change In Reference Voltage
To the Change In Cathode Voltage
IKA = 10mA
VKA = VREF to 10
-1.4
-2.7
mV/V
VKA = 10V to 20V
-1.0
-2.0
IREF
Reference Input Current
IKA = 10mA, R1 = 10kΩ, R2 = OC
2
4
µA
IREF
IREF Deviation Over Full Temperature Range
IKA = 10mA
R1 = 10kΩ
R2 = OC
TA = 0 to +70°C
0.8
1.2
µA
TA = -40 to +85°C
0.8
2.5
TA = -40 to +125°C
0.8
2.5
IKA(MIN)
Minimum Cathode Current for Regulation
VKA = VREF
0.4
0.6
mA
IKA(OFF)
Off State Current
VKA = 20V, VREF = 0V
0.1
0.5
µA
RZ
Dynamic Output Impedance
VKA = VREF, f = 0Hz
0.2
0.5


Similar Part No. - ZTL432XQ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL432 ZETEX-ZTL432 Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
ZTL432 ZETEX-ZTL432 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL432 DIODES-ZTL432 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
ZTL432 DIODES-ZTL432 Datasheet
209Kb / 2P
   Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
ZTL432 DIODES-ZTL432 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - ZTL432XQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ9431Q DIODES-AZ9431Q Datasheet
880Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
January 2022 Rev. 2 - 2
AZ9431BQ DIODES-AZ9431BQ Datasheet
615Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com