Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZRC330QF02TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZRC330QF02TA
Description  AUTOMOTIVE COMPLIANT LOW KNEE CURRENT 3.3V VOLTAGE REFERENCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZRC330QF02TA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZRC330QF02TA Datasheet HTML 1Page - Diodes Incorporated ZRC330QF02TA Datasheet HTML 2Page - Diodes Incorporated ZRC330QF02TA Datasheet HTML 3Page - Diodes Incorporated ZRC330QF02TA Datasheet HTML 4Page - Diodes Incorporated ZRC330QF02TA Datasheet HTML 5Page - Diodes Incorporated ZRC330QF02TA Datasheet HTML 6Page - Diodes Incorporated ZRC330QF02TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZRC330Q
Document number: DS3
8357 Rev. 1 - 2
3 of 7
www.diodes.com
April 2016
© Diodes Incorporated
ZRC330Q
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VR
Reverse Breakdown Voltage
IR = 150µA
ZRC330QF01
3.27
3.3
3.33
V
ZRC330QF02
3.234
3.366
IMIN
Minimum Operating Current
15
20
µA
IR
Recommended Operating Current
0.02
5
mA
TC
Average Reverse Breakdown
Voltage Temperature Coefficient
(Note 5)
IR(MIN) to IR(MAX)
15
50
ppm/°C
RS
Slope resistance (Note 6)
0.6
2
ZR
Reverse Dynamic Impedance
IR = 1mA, f = 100Hz IAC = 0.1IR
0.5
1.2
EN
Wideband Noise Voltage
IR = 150µA, f = 10Hz to 10kHz
75
µV(rms)
Notes: 5.
T
T
x
V
1000000
x
V
V
T
)
MIN
(
)
MAX
(
R
)
MIN
(
R
)
MAX
(
R
C
where: VR(MAX) – VR(MIN) is the maximum deviation in reference voltage measured over the full operating temperature range
6.
I
I
I
to
I
Change
V
R
)
MIN
(
R
)
MAX
(
R
)
MAX
(
R
)
MIN
(
R
R
S
2.0
4.0
0.0
Reverse Voltage (V)
40
30
20
10
0
T = 85°C
A
T = -40°C
A
T = 25°C
A


Similar Part No. - ZRC330QF02TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC330 ZETEX-ZRC330 Datasheet
121Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330 Datasheet
63Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC330 DIODES-ZRC330 Datasheet
103Kb / 6P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC330A01 ZETEX-ZRC330A01 Datasheet
121Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330A01 ZETEX-ZRC330A01 Datasheet
63Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results

Similar Description - ZRC330QF02TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZRC330F03TA DIODES-ZRC330F03TA Datasheet
104Kb / 5P
   PRECISION 3.3VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250 Datasheet
83Kb / 5P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC400 DIODES-ZRC400 Datasheet
105Kb / 6P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC330 ZETEX-ZRC330 Datasheet
121Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250 ZETEX-ZRC250_03 Datasheet
61Kb / 5P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC250 DIODES-ZRC250 Datasheet
105Kb / 6P
   PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRC500 ZETEX-ZRC500 Datasheet
72Kb / 5P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330_03 Datasheet
63Kb / 5P
   PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400_03 Datasheet
60Kb / 5P
   PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC500 DIODES-ZRC500 Datasheet
141Kb / 9P
   PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com