Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLDO1117QKTC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZLDO1117QKTC
Description  AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO1117QKTC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZLDO1117QKTC Datasheet HTML 1Page - Diodes Incorporated ZLDO1117QKTC Datasheet HTML 2Page - Diodes Incorporated ZLDO1117QKTC Datasheet HTML 3Page - Diodes Incorporated ZLDO1117QKTC Datasheet HTML 4Page - Diodes Incorporated ZLDO1117QKTC Datasheet HTML 5Page - Diodes Incorporated ZLDO1117QKTC Datasheet HTML 6Page - Diodes Incorporated ZLDO1117QKTC Datasheet HTML 7Page - Diodes Incorporated ZLDO1117QKTC Datasheet HTML 8Page - Diodes Incorporated ZLDO1117QKTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ZLDO1117Q
Document number: DS37075 Rev. 1 - 2
4 of 14
www.diodes.com
April 2016
© Diodes Incorporated
ZLDO1117Q
Electrical Characteristics (TJ = +25°C, unless otherwise specified. FT = -40°C ≤ TJ ≤ +125°C Pulse tested such that TA = TJ)
Parameter
Conditions
TJ
Min
Typ
Max
Unit
Reference Voltage
ZLDO1117Q-ADJ
(VIN - VOUT) = 2V,
IO = 10mA
25
1.238
1.250
1.263
V
VOUT + 1.4V < VIN < 10V, 10mA < IO < 1A
FT
1.225
1.275
Output Voltage
ZLDO1117Q-1.2
IO = 10mA,
VIN = 3.2V
25
1.188
1.200
1.212
V
10mA < IO < 1A,
2.7V < VIN < 12V
FT
1.176
1.224
ZLDO1117Q-1.5
IO = 10mA,
VIN = 3.5V
25
1.485
1.500
1.515
V
0 < IO < 1A,
2.9V < VIN < 12V
FT
1.470
1.530
ZLDO1117Q-1.8
IO = 10mA,
VIN = 3.8V
25
1.782
1.800
1.818
V
0 < IO < 1A,
3.2V < VIN < 12V
FT
1.764
1.836
ZLDO1117Q-2.5
IO = 10mA,
VIN = 4.5V
25
2.475
2.500
2.525
V
0 < IO < 1A,
3.9V < VIN < 12V
FT
2.450
2.550
ZLDO1117Q-3.3
IO = 10mA,
VIN = 5.3V
25
3.267
3.300
3.333
V
0 < IO < 1A,
4.7V < VIN < 12V
FT
3.235
3.365
ZLDO1117Q-5.0
IO = 10mA,
VIN = 7V
25
4.95
5.000
5.05
V
0 < IO < 1A,
6.4V < VIN < 12V
FT
4.900
5.100
Line Regulation
ZLDO1117Q-ADJ
ZLDO1117Q-1.2
IO = 10mA,
VOUT + 1.5V < VIN < 12V
25
0.1
%
FT
0.2
ZLDO1117Q-xx
IO = 0mA,
VOUT + 1.5V < VIN < 12V
25
0.1
%
FT
0.2
Load Regulation
(Notes 11, 12)
ZLDO1117Q-ADJ
VIN = 3.3V, VADJ = 0,
10mA < IO < 1A
25
0.2
%
FT
0.4
ZLDO1117Q-1.2
VIN = 2.7V,
10mA < IO < 1A
25
0.2
%
FT
0.4
ZLDO1117Q-1.5
VIN = 3V,
0 < IO < 1A
25
3
mV
FT
6
ZLDO1117Q-1.8
VIN = 3.3V,
0 < IO < 1A
25
4
mV
FT
8
ZLDO1117Q-2.5
VIN = 4V,
0 < IO < 1A
25
5
mV
FT
10
ZLDO1117Q-3.3
VIN = 4.8V,
0 < IO < 1A
25
6.6
mV
FT
13
ZLDO1117Q-5.0
VIN = 6.5V,
0 < IO < 1A
25
10
mV
FT
20
Dropout Voltage
(VIN - VOUT)
ZLDO1117Q-ADJ/1.2/
1.5/1.8/2.5/3.3/5.0
IO = 1A,
ΔVOUT = 1%VOUT
25
1.11
1.2
V
Current Limit
ZLDO1117Q-ADJ/1.2/
1.5/1.8/2.5/3.3/5.0
(VIN - VOUT) = 5V
25
A
FT
1. 1
Minimum Load Current
(Note 13)
ZLDO1117Q-ADJ
ZLDO1117Q-1.2
VIN = <18V
FT
2
5
mA
Quiescent Current
ZLDO1117Q-xx
VIN < 18V,
IO = 0mA
FT
4
10
mA
GND Current
ZLDO1117Q-ADJ
ZLDO1117Q-1.2
VIN = 7V
FT
35
120
µA
Thermal Regulation
30ms pulse
25
0.1
%/W
Ripple Rejection
ZLDO1117Q-xx
VIN = VOUT+3V
f = 120Hz,
COUT = 25µF Tantalum, IOUT = 100mA
25
60
80
dB
Temperature Stability
IO = 10mA
0.5
%
Notes:
11. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction
temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18‖ from the package.
12. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between input
and output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
13. The minimum Load current is defined as the minimum output current required to maintain voltage regulation. This output current can be made up of either
load current itself and/or the current delivered to the output voltage setting feedback resistors.


Similar Part No. - ZLDO1117QKTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
ZLDO1117 DIODES-ZLDO1117 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
ZLDO1117G12TA DIODES-ZLDO1117G12TA Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
ZLDO1117G15TA DIODES-ZLDO1117G15TA Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
ZLDO1117G18TA DIODES-ZLDO1117G18TA Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
More results

Similar Description - ZLDO1117QKTC

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com