Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDQ15-Q48-D5-D Datasheet(PDF) 6 Page - CUI INC

Part # PDQ15-Q48-D5-D
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ15-Q48-D5-D Datasheet(HTML) 6 Page - CUI INC

  PDQ15-Q48-D5-D Datasheet HTML 1Page - CUI INC PDQ15-Q48-D5-D Datasheet HTML 2Page - CUI INC PDQ15-Q48-D5-D Datasheet HTML 3Page - CUI INC PDQ15-Q48-D5-D Datasheet HTML 4Page - CUI INC PDQ15-Q48-D5-D Datasheet HTML 5Page - CUI INC PDQ15-Q48-D5-D Datasheet HTML 6Page - CUI INC PDQ15-Q48-D5-D Datasheet HTML 7Page - CUI INC PDQ15-Q48-D5-D Datasheet HTML 8Page - CUI INC PDQ15-Q48-D5-D Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
cui.com
date 07/12/2016
│ page 6 of 9
CUI Inc
│ SERIES: PDQ15-D │ DESCRIPTION: DC-DC CONVERTER
EFFICIENCY CURVES (CONTINUED)
18 Vdc
48 Vdc
75 Vdc
90
80
70
50
60
10
Load Current (%)
20
30
40
50
60
70
80
90
100
PDQ15-Q48-S12-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
18 Vdc
48 Vdc
75 Vdc
100
90
80
70
60
10
Load Current (%)
20
30
40
50
60
70
80
90
100
PDQ15-Q48-S15-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
9 Vdc
24 Vdc
36 Vdc
100
90
80
70
60
10
Load Current (%)
20
30
40
50
60
70
80
90 100
PDQ15-Q24-D15-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
18 Vdc
48 Vdc
75 Vdc
90
80
70
50
60
10
Load Current (%)
20
30
40
50
60
70
80
90 100
PDQ15-Q48-S3-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
18 Vdc
48 Vdc
75 Vdc
100
90
80
70
60
10
Load Current (%)
20
30
40
50
60
70
80
90
100
PDQ15-Q48-D5-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
50
60
70
80
90
18 Vdc
48 Vdc
75 Vdc
10
Load Current (%)
20
30
40
50
60
70
80
90
100
PDQ15-Q48-D15-D Efficiency Curve
(Efficiency vs. Line Voltage and Load Current)
For more information, please visit the product page.


Similar Part No. - PDQ15-Q48-D5-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDQ15-Q48-D5-D CUI-PDQ15-Q48-D5-D Datasheet
938Kb / 9P
   DC-DC CONVERTER
More results

Similar Description - PDQ15-Q48-D5-D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com