Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDQ10-Q48-S12-D Datasheet(PDF) 2 Page - CUI INC

Part # PDQ10-Q48-S12-D
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PDQ10-Q48-S12-D Datasheet(HTML) 2 Page - CUI INC

  PDQ10-Q48-S12-D Datasheet HTML 1Page - CUI INC PDQ10-Q48-S12-D Datasheet HTML 2Page - CUI INC PDQ10-Q48-S12-D Datasheet HTML 3Page - CUI INC PDQ10-Q48-S12-D Datasheet HTML 4Page - CUI INC PDQ10-Q48-S12-D Datasheet HTML 5Page - CUI INC PDQ10-Q48-S12-D Datasheet HTML 6Page - CUI INC PDQ10-Q48-S12-D Datasheet HTML 7Page - CUI INC PDQ10-Q48-S12-D Datasheet HTML 8Page - CUI INC PDQ10-Q48-S12-D Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
cui.com
date 07/12/2016
│ page 2 of 9
CUI Inc
│ SERIES: PDQ10-D │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
24 Vdc input models
48 Vdc input models
9
18
24
48
36
75
Vdc
Vdc
surge voltage
for maximum of 100 ms
24 Vdc input models
48 Vdc input models
50
100
Vdc
Vdc
current
24 Vdc input models
48 Vdc input models
1.4
0.7
A
A
under voltage shutdown
24 Vdc input models, power up
24 Vdc input models, power down
48 Vdc input models, power up
48 Vdc input models, power down
8.8
8.0
17
16
Vdc
Vdc
Vdc
Vdc
remote on/off1
turn on (3.5~36 Vdc or open circuit)
turn off (<1.2 Vdc)
filter
LC type
input reverse polarity protection no
input fuse
3 A time delay fuse for 24 Vdc input models
(recommended)
1.5 A time delay fuse for 48 Vdc input models
(recommended)
Notes:
1. CMOS or open collector TTL, reference to –Vin.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
3.3 Vdc output models
5 Vdc output models
12 Vdc output models
15 Vdc output models
±5 Vdc output models
±12 Vdc output models
±15 Vdc output models
3,300
2,200
1,000
680
1,200
470
330
μF
μF
μF
μF
μF
μF
μF
voltage accuracy
±1.5
%
line regulation
from high line to low line
±0.5
%
load regulation
from 100% load to minimum load
single output models
dual output models
±0.5
±1
%
%
voltage balance
dual output models
±1
%
cross regulation
load cross variation 25%/100% (dual output
models)
±5
%
turn-on delay time, from input
from Vin, min to 10% Vo
2
ms
turn-on delay time, from
on/off control
from Von/off to 10% Vo
2
ms
rise time
from 10% Vo to 90% Vo
1.5
ms
adjustability2
see application notes
±10
%
switching frequency
at nominal Vin, full load
280
kHz
dynamic load response
75%-100% step load change
error band (Vout)
recovery time
5
500
%
µs
temperature coefficient
±0.03
%/°C
Note:
2. For single output models only.
For more information, please visit the product page.


Similar Part No. - PDQ10-Q48-S12-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PDQ10-Q48-S12-D CUI-PDQ10-Q48-S12-D Datasheet
723Kb / 9P
   DC-DC CONVERTER
PDQ10-Q48-S12-D CUI-PDQ10-Q48-S12-D Datasheet
2Mb / 9P
   DC-DC CONVERTER
07/26/2021
More results

Similar Description - PDQ10-Q48-S12-D

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com