Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C340C322BCG5TA7301 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C340C322BCG5TA7301
Description  High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C340C322BCG5TA7301 Datasheet(HTML) 1 Page - Kemet Corporation

  C340C322BCG5TA7301 Datasheet HTML 1Page - Kemet Corporation C340C322BCG5TA7301 Datasheet HTML 2Page - Kemet Corporation C340C322BCG5TA7301 Datasheet HTML 3Page - Kemet Corporation C340C322BCG5TA7301 Datasheet HTML 4Page - Kemet Corporation C340C322BCG5TA7301 Datasheet HTML 5Page - Kemet Corporation C340C322BCG5TA7301 Datasheet HTML 6Page - Kemet Corporation C340C322BCG5TA7301 Datasheet HTML 7Page - Kemet Corporation C340C322BCG5TA7301 Datasheet HTML 8Page - Kemet Corporation C340C322BCG5TA7301 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1054_HV_GOLDMAX_300_C0G • 6/25/2015
1
One world. One KEMET
Overview
KEMET’s 300 Series High Voltage Goldmax conformally coated
radial leaded ceramic capacitors in C0G dielectric feature
a 125°C maximum operating temperature. The Electronics
Industries Alliance (EIA) characterizes C0G dielectric as a
Class I "stable" material. Components of this classification are
temperature compensating and are suited for resonant circuit
applications or those where Q and stability of capacitance char-
acteristics are required. C0G exhibits no change in capacitance
with respect to time and voltage and boasts a negligible change
in capacitance with reference to ambient temperature. Capaci-
tance change is limited to ±30 ppm/ºC from -55°C to +125°C.
These devices exhibit low ESR at high frequencies and find con-
ventional use as snubbers or filters in applications such as switch-
ing power supplies and lighting ballasts. Their exceptional per-
formance at high frequencies has made them a preferred choice
of design engineers worldwide. In addition to their use in power
supplies, these capacitors are widely used in industries related to
telecommunications, medical, military, aerospace, semiconductors
and test/diagnostic equipment.
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated,
C0G Dielectric, 500 – 3,000 VDC (Commercial Grade)
Ordering Information
C
320
C
332
J
C
G
5
T
A
7301
Ceramic
Style/Size
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Rated Voltage
(VDC)
Dielectric Design
Lead
Finish2
Failure
Rate
Packaging
(C-Spec)3
315
316
317
318
320
321
322
323
324
325
326
327
328
330
331
333
335
336
340
346
350
356
C = Standard
First two digits
represent significant
figures. Third digit
specifies number of
zeros.
B = ±0.1 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
C = 500
B = 630
D = 1,000
F = 1,500
G = 2,000
Z = 2,500
H = 3,000
G = C0G
5 =
Multilayer
T = 100%
Matte Sn
H = SnPb
(60/40)
A = N/A Blank = Bulk
7301 = 12" Reel
7303 = 12" Reel
1
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
2
Lead materials:
Standard: 100% matte tin (Sn) with nickel (Ni) underplate and steel core ( “T” designation).
Alternative1:60%tin(Sn)/40%lead(Pb)finishwithcopper-cladsteelcore(“H”designation).
Alternative2:60%tin(Sn)/40%lead(Pb)finishwith100%coppercore(availablewith“H”designationcodewithC-Spec).ContactKEMETforC-Specdetails.
3
Tape and Reel:
C-Spec7303:18.0mmminimumleadlength.NotavailableforSize/StyleC321andC331.
C-Spec7301:16.0±0.5mmleadlength.NotavailableforSize/StyleC321andC331.
Ammo Pack:
C-Spec7293:AmmoPackoptionisnotavailableforSize/StyleC321,C331,C350andC356.
For more information see Tape & Reel Packaging Information


Similar Part No. - C340C322BCG5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C105K1R5TA KEMET-C340C105K1R5TA Datasheet
54Kb / 1P
   Ceramic, Commercial Grade, GoldMax, 1 uF, 10%, 100 V, X7R, Lead Spacing = 5.08mm
C340C105K5R5TA KEMET-C340C105K5R5TA Datasheet
55Kb / 1P
   Ceramic, GoldMax, 1 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C340C106J1R5HA7301 KEMET-C340C106J1R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C340C106J1R5TA7301 KEMET-C340C106J1R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C340C322BCG5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1210C32JCGACAUTO KEMET-C1210C32JCGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C332JCGACAUTO KEMET-C1210C332JCGACAUTO_V01 Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com