Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2315DS-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI2315DS-T1
Description  P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2315DS-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI2315DS-T1 Datasheet HTML 1Page - Vishay Siliconix SI2315DS-T1 Datasheet HTML 2Page - Vishay Siliconix SI2315DS-T1 Datasheet HTML 3Page - Vishay Siliconix SI2315DS-T1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si2315DS
Vishay Siliconix
Document Number: 70850
S-31990—Rev. C, 13-Oct-03
www.vishay.com
1
P-Channel 1.25-W, 1.8-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.055 @ VGS = -4.5 V
"3.5
-12
0.075 @ VGS = -2.5 V
"3
0.118 @ VGS = -1.8 V
"2
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Si2315DS (C5)*
*Marking Code
Ordering Information: Si2315DS-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-12
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a, b
TA = 25_C
ID
"3.5
Continuous Drain Current (TJ = 150_C)a, b
TA = 70_C
ID
"2.8
A
Pulsed Drain Current
IDM
"12
A
Continuous Source Current (Diode Conduction)a, b
IS
-1.6
Maximum Power Dissipationa, b
TA = 25_C
PD
1.25
W
Maximum Power Dissipationa, b
TA = 70_C
PD
0.8
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction to Ambienta
t v 5 sec
R
100
_C/W
Maximum Junction-to-Ambienta
Steady State
RthJA
130
_C/W
Notes
a.
Surface Mounted on FR4 Board.
b.
t v5 sec.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


Similar Part No. - SI2315DS-T1

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI2315DS-T1-E3 VBSEMI-SI2315DS-T1-E3 Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
SI2315DS-T1-GE3 VBSEMI-SI2315DS-T1-GE3 Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SI2315DS-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2305DS VISHAY-SI2305DS Datasheet
54Kb / 4P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. C, 28-Dec-98
SI2305DS-T1-E3 VISHAY-SI2305DS-T1-E3 Datasheet
194Kb / 8P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. E, 02-Feb-09
SI2305DS-T1 VISHAY-SI2305DS-T1 Datasheet
194Kb / 8P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. E, 02-Feb-09
logo
Guangdong Kexin Industr...
KI2305DS KEXIN-KI2305DS Datasheet
49Kb / 2P
   P-Channel 1.25-W, 1.8-V (G-S) Mosfet
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com