Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6204C36AML Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6204C36AML
Description  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204C36AML Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6204C36AML Datasheet HTML 4Page - Torex Semiconductor XC6204C36AML Datasheet HTML 5Page - Torex Semiconductor XC6204C36AML Datasheet HTML 6Page - Torex Semiconductor XC6204C36AML Datasheet HTML 7Page - Torex Semiconductor XC6204C36AML Datasheet HTML 8Page - Torex Semiconductor XC6204C36AML Datasheet HTML 9Page - Torex Semiconductor XC6204C36AML Datasheet HTML 10Page - Torex Semiconductor XC6204C36AML Datasheet HTML 11Page - Torex Semiconductor XC6204C36AML Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
XC6204 Series
264
3
XC6204C, D Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MIN.
TYP.
UNITS CIRCUIT
Output Voltage
Maximum Output Current
IOUT MAX
mA
1
V1
V1
V1
V
1
Load Regulation
△VOUT
E-1
mV
mV
mV
Dropout Voltage
E-2
1
2
2
Supply Current (C series)
50
80
120
50
90
145
100
40
80
120
Supply Current (D series)
IDD
40
70
0.10
0.05
1.00
0.01
Standby Current
Line Regulation
VOUT
VOUT
Input Voltage
VIN
10
Output Voltage
Temp. Characteristics
1
Output Noise
en
30
3
Ripple Rejection Rate
70
dB
4
Current Limiter
280
mA
1
Short-circuit Current
50
60
mA
1
VIN
VIN
0.10
0.15
MAX.
MAX.
Ta=25℃
-40℃
≤Ta≤85℃
×0.98
VOUT(T)
×1.02
×0.97
VOUT(T)
×1.03
150
150
VOUT(E)
1mA
≤IOUT≤100mA
15
50
30
80
Vdif1
Vdif2
IOUT=30mA
IOUT=100mA
IOUT=30mA
VIN=VOUT(T)+1.0V,VCE=VSS
VIN=VOUT(T)+1.0V,VCE=VSS
VIN=VCE=VOUT(T)+1.0V
µA
µA
1
0.20
0.05
0.30
0.01
%/V
Istby
△VIN・VOUT
VOUT(T)+1.0V
≤VIN≤10V
IOUT=30mA
210
2
△Topr・VOUT
IOUT=30mA
-40℃
≤Topr≤85℃
100
ppm/
IOUT=10mA
300Hz∼50kHz
µVrms
PSRR
VIN=[VOUT(T)+1.0]V+1.0Vp-pAC
IOUT=50mA,f=10kHz
Ilim
VIN=VOUT(T)+1.0V,VCE=VSS
VIN=VOUT(T)+1.0V,VCE=VSS
VIN=VCE=VOUT(T)+1.0V
VIN=VOUT(T)+1.0V,VCE=VSS
VIN=VOUT(T)+1.0V,VCE=VSS
300
CE "High" Voltage
CE "High" Current
CE "Low" Voltage
CE "Low" Current
(C series)
CE "Low" Current 
(D series)
Ishort
1.6
1.7
VCEH
VCEL
0.25
0.20
ICEH
ICEL
-0.10
-20
-0.10
-0.15
µA
µA
2
2
0.10
0.10
-25
-0.15
0.15
µA
2
0.15
ICEL
Note
(NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V
(NOTE 2) VOUT(T)=Specified Output Voltage
(NOTE 3) VOUT(E)=Effective Output Voltage (I.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value).
(NOTE 4) Vdif={VIN1(NOTE6)-VOUT1(NOTE5)}
(NOTE 5) VOUT1=A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input.
(NOTE 6) VIN1=The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
(NOTE 7) The values for -40
°C≤Topr≤85°C are designed values.
03S_04XC6204 02.9.12 2:57 PM ページ 264


Similar Part No. - XC6204C36AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204C36AML TOREX-XC6204C36AML Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204C36AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com