Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP303LSN20T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP303LSN20T1G
Description  Voltage Detector Series with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN20T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP303LSN20T1G Datasheet HTML 1Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 2Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 3Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 4Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 5Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 6Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 7Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 8Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
NCP302, NCP303
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (For all values TA = 25°C, unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
NCP302/3− 2.7
Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices)
IOUT
mA
Nch Sink Current, NCP302, NCP303
(VOUT = 0.5 V, Vin = 5.0 V)
6.3
11
Pch Source Current, NCP302
(VOUT = 0.4 V, Vin = 0.7 V)
(VOUT = GND, Vin = 1.5 V)
0.011
0.525
0.04
0.6
CD Delay Pin Threshold Voltage (Pin 5)
(Vin = 2.97 V)
VTCD
1.49
2.01
2.53
V
Delay Capacitor Pin Sink Current (Pin 5)
(Vin = 0.7 V, VCD = 0.1V)
(Vin = 1.5 V, VCD = 0.5V)
ICD
2.0
200
120
1600
mA
Delay Pullup Resistance (Pin 5)
RD
0.5
1.0
2.0
M
W
NCP302/3 − 3.0
Detector Threshold (Pin 2, Vin Decreasing)
VDET−
2.94
3.00
3.06
V
Detector Threshold Hysteresis (Pin 2, Vin Increasing)
VHYS
0.09
0.15
0.21
V
Supply Current (Pin 2)
(Vin = 2.87 V)
(Vin = 5.0 V)
Iin
0.27
0.47
0.9
1.3
mA
Maximum Operating Voltage (Pin 2)
Vin(max)
10
V
Minimum Operating Voltage (Pin 2)
(TA = −40°C to 85°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices)
IOUT
mA
Nch Sink Current, NCP302, NCP303
(VOUT = 0.05V, Vin = 0.70V)
(VOUT = 0.50V, Vin = 1.5V)
0.01
1.0
0.05
2.0
Pch Source Current, NCP302
(VOUT = 2.4V, Vin = 4.5V)
1.0
6.0
Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices)
IOUT
mA
Nch Sink Current, NCP302, NCP303
(VOUT = 0.5 V, Vin = 5.0 V)
6.3
11
Pch Source Current, NCP302
(VOUT = 0.4 V, Vin = 0.7 V)
(VOUT = GND, Vin = 1.5 V)
0.011
0.525
0.04
0.6
CD Delay Pin Threshold Voltage (Pin 5)
(Vin = 3.3 V)
VTCD
1.65
2.23
2.81
V
Delay Capacitor Pin Sink Current (Pin 5)
(Vin = 0.7 V, VCD = 0.1V)
(Vin = 1.5 V, VCD = 0.5V)
ICD
2.0
200
120
1600
mA
Delay Pullup Resistance (Pin 5)
RD
0.5
1.0
2.0
M
W
NCP302/3 − 4.5
Detector Threshold (Pin 2, Vin Decreasing)
VDET−
4.410
4.500
4.590
V
Detector Threshold Hysteresis (Pin 2, Vin Increasing)
VHYS
0.135
0.225
0.315
V
Supply Current (Pin 2)
(Vin = 4.34 V)
(Vin = 6.5 V)
Iin
0.33
0.52
1.0
1.4
mA
Maximum Operating Voltage (Pin 2)
Vin(max)
10
V
Minimum Operating Voltage (Pin 2)
(TA = −40°C to 85°C)
Vin(min)
0.55
0.65
0.70
0.80
V


Similar Part No. - NCP303LSN20T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN20T1G ONSEMI-NCP303LSN20T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN20T1G ONSEMI-NCP303LSN20T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP303LSN20T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP302 ONSEMI-NCP302_06 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com