Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR218AMTD Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR218AMTD
Description  3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR218AMTD Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS90CR218AMTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 9Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 10Page - National Semiconductor (TI) DS90CR218AMTD Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AC Timing Diagrams (Continued)
DS101080-10
FIGURE 7. DS90CR218A (Receiver) Setup/Hold and High/Low Times
DS101080-11
FIGURE 8. DS90CR217 (Transmitter) Clock In to Clock Out Delay
DS101080-12
FIGURE 9. DS90CR218A (Receiver) Clock In to Clock Out Delay
DS101080-13
FIGURE 10. DS90CR217 (Transmitter) Phase Lock Loop Set Time
www.national.com
7


Similar Part No. - DS90CR218AMTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR218AMTD NSC-DS90CR218AMTD Datasheet
614Kb / 11P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
logo
Texas Instruments
DS90CR218AMTD/NOPB TI1-DS90CR218AMTD/NOPB Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
DS90CR218AMTDX/NOPB TI1-DS90CR218AMTDX/NOPB Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
More results

Similar Description - DS90CR218AMTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
National Semiconductor ...
DS90CR218A NSC-DS90CR218A_06 Datasheet
614Kb / 11P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
logo
Texas Instruments
DS90CR218A TI1-DS90CR218A_14 Datasheet
911Kb / 17P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 12 MHz to 85 MHz
logo
National Semiconductor ...
DS90CR287 NSC-DS90CR287 Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
DS90CR287 NSC-DS90CR287_04 Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com