Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT24K-12FX4-POE Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # NT24K-12FX4-POE
Description  Industrial Managed Gigabit PoE Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NT24K-12FX4-POE Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  NT24K-12FX4-POE Datasheet HTML 1Page - Red Lion Controls. Inc NT24K-12FX4-POE Datasheet HTML 2Page - Red Lion Controls. Inc NT24K-12FX4-POE Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES & BENEFITS
> 12 Copper and Fiber Ports
• Eight 10/100/1000Base-T(X) copper ports,
supporting PoE+ on each port
• Four 100Base-FX ports with SC/ST connectors
> Redundant 22 to 49 VDC Power Inputs
• Boosts power to meet PoE+ output requirements
> IEEE 802.3af/at PoE Output
• Supports PoE+ output on all copper ports simultaneously
> Extended Environmental Specifications
• -40° to 80°C operating temperature range
• > 2M hours MTBF
• UL/cUL: Class I, Div. 2 Groups A, B, C and D
> Plug-and-Play Operation:
• IGMP auto-configuration
• MDIX auto-sensing cable
• Simple network ring configuration
• Backup and restore via recovery card or XML
NT24k®-12FX4-POE Industrial PoE+ Switch
N-Tron® Networking Series
Industrial Managed Gigabit PoE+ Ethernet Switch
PRODUCT HIGHLIGHTS
> IEEE 802.3af/at PoE+ Output
> Smart Plug-and-Play Operation
> 22 to 49 VDC Redundant Power Inputs
> -40° to 80°C Wide Operating Temperature
> Robust Remote Monitoring
> N-Ring& N-LinkNetwork Ring Technology
APPLICATIONS
> Alternative Energy
> Manufacturing
> Oil & Gas
> Transportation
> Water/Wastewater
> Fully Managed Features Include:
• Jumbo frame support
• SNMP v1, v2, v3
• Web browser management
• Detailed ring map and fault location charting
• RSTP - 802.1d, 802.1w, 802.1D
• Trunking and port mirroring
• 802.1Q tag VLAN and port VLAN
• IEEE 802.1x with RADIUS remote server authentication
• 802.1p QoS, port QoS and DSCP
• DHCP client
• Event Log
• SNTP (Simple Network Time Protocol)
• Multi-Member N-Ring technology with ~30ms healing
• N-Link redundant ring technology
• N-Viewmonitoring technology
• EtherNet/IPCIPmessaging
Red Lion’s N-Tron® series NT24k®-12FX4-POE compact
managed Gigabit Ethernet switch features eight
10/100/1000Base-T(X) ports with PoE+ and four 100Base-FX
fiber ports with SC or ST connectors, providing a robust
solution for transmitting power and data to equipment in
harsh environments.
The NT24k-12FX4-POE managed switch features 12 ports (eight Gigabit IEEE 802.3af/at Power over
Ethernet Plus (PoE+) ports and four 100Base-FX fiber ports) and is housed in a compact, hardened
metal DIN-rail enclosure with redundant 22-49 VDC power inputs. Designed to handle the most
demanding environments, the NT24k-12FX4-POE provides up to 30 Watts of power per port, high
shock and vibration ratings and a wide -40° to 80°C operating temperature range.
compliant


Similar Part No. - NT24K-12FX4-POE

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-12FX4-XX REDLION-NT24K-12FX4-XX Datasheet
551Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
More results

Similar Description - NT24K-12FX4-POE

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-12GX4-POE REDLION-NT24K-12GX4-POE Datasheet
580Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10FX2-POE REDLION-NT24K-10FX2-POE Datasheet
567Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-12SFP-DM4-POE REDLION-NT24K-12SFP-DM4-POE Datasheet
586Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-14FX6-POE REDLION-NT24K-14FX6-POE Datasheet
586Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10GX2-POE REDLION-NT24K-10GX2-POE Datasheet
572Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-8TX-POE REDLION-NT24K-8TX-POE Datasheet
514Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-14GX6-POE REDLION-NT24K-14GX6-POE Datasheet
595Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-11GX3-POE REDLION-NT24K-11GX3-POE Datasheet
577Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-11FX3-POE REDLION-NT24K-11FX3-POE Datasheet
575Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
logo
ORing Industrial Networ...
IGPS-9842GTP ORING-IGPS-9842GTP Datasheet
2Mb / 6P
   Industrial 14-port managed Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com