Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT24K-12SFP-DM4-POE Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # NT24K-12SFP-DM4-POE
Description  Industrial Managed Gigabit PoE Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NT24K-12SFP-DM4-POE Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  NT24K-12SFP-DM4-POE Datasheet HTML 1Page - Red Lion Controls. Inc NT24K-12SFP-DM4-POE Datasheet HTML 2Page - Red Lion Controls. Inc NT24K-12SFP-DM4-POE Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RECOMMENDED WIRING CLEARANCE
Front: 4” (10.16 cm)
Top: 4” (10.16 cm)
ENVIRONMENTAL
Operating Temperature: -40°C to 80°C
Storage Temperature: -40°C to 85°C
Operating Humidity: 10% to 95% (non condensing)
Operating Altitude: 0 to 10,000 ft.
Shock: 200 g @ 10 ms (bulkhead mounted)
Vibration: 50 g @ 5-20 Hz, Triaxial (bulkhead mounted)
CERTIFICATION & COMPLIANCE
Product Safety:
ANSI/ISA 12.12.01-2013 Class I and II, Div. 2 and Class III, Div. 1 and
2, Groups A, B, C and D Hazardous Locations
UL508 Industrial Control Equipment
CAN/CSA-C22.2 No. 213-M1987 Class I Div. 2 Hazardous Locations
CAN/CSA-C22.2 No. 14-M1987 Industrial Control Equipment
Emissions:
FCC Title 47, Part 15, Radio Frequency Devices, Subpart B ANSI
C63.4-2009; Industry Canada ICES-003, EN 55011; EN 61000-6-4,
EN 61000-3-2, EN61000-3-3, EN 55032
Immunity:
EN 55024, EN 61000-6-2; IEC 61000-4-2 (ESD); IEC 61000-4-3
(RFAM); IEC 61000-4-4 (EFT); IEC 61000-4-5 (SURGE); IEC 61000-4-6
(RFCM); IEC 61000-4-8 (PFMF); IEC 61000-4-11 (VDI)
Rail:
EN 50155, EN 50121 and EN 61373
Designed to Comply with:
IEEE 1613 (Electric Utility Substations), NEMA TS1/TS2 (Traffic Control)
Other:
ABS Type Approval for Shipboard Applications; EMC Directive
2014/30/EU; LV Directive 2014/35/EU GOST-R, RoHS Compliant
MECHANICAL
Case Dimensions:
Height: 5.88” (14.92 cm)
Width: 4.28” (10.88 cm)
Depth: 5.54” (14.07 cm)
Weight: 3.19 lbs (1.45 kg)
Mount: DIN Rail 35 mm
WARRANTY
3 Years on Design and Manufacturing Defects
NT24k-12SFP-DM4-POE Specifications
SWITCH PROPERTIES
Operation: Managed
Number of MAC Addresses: 16,000
IEEE Compliant: 802.3, 802.3u, 802.3ab, 802.3x, 802.3af/at,
802.1d/D/w, 802.1p, 802.1Q, 802.1x
Latency (Typical):1.6 μs
Switching Method: Store-and-Forward
Supports 30 Watts per Port (25.5 Watts at the PD)
LED Status Indicators
Configurable Alarm Contact
Onboard Temperature Sensor
Supports Full/Half Duplex Operation
Maximum Throughput: Up to 24.0 Gb/s
MDIX Auto Sensing Cable
Auto Sensing Speed and Flow Control
Communications: Full Wire Speed
MTBF: >2 million hours
POWER INPUT
Input Voltage: 22-49 VDC
Steady Input Current: 11.6 A @ 24 VDC
Inrush: 60.8 A / .2 ms @ 24 VDC
BTU/HR: 122
POWER OVER ETHERNET
PoE Standard: IEEE 802.3af/at Gigabit PSE
PoE Output Power: 57 VDC / 30 Watts Output (25.5 W at PD)
Power Pin Assignment: Pins 1/2 (-), Pins 3/6 (+)
PSE Type: Type 2
CONNECTORS
10/100/1000BaseT: Eight (8) RJ-45 ports
ESD and surge protection diodes on all copper ports
1000BaseT SFP: Up to four (4) RJ-45 copper ports
100BaseFX SFP: Up to four (4) LC fiber ports
1000BaseSX/LX SFP: Up to four (4) LC fiber ports
Configuration Port: One (1) USB Type B
NETWORK MEDIA
10BaseT: ≥ Cat3 cable
100BaseTX: ≥ Cat5 cable
1000BaseT: ≥ Cat5e cable
100BaseFX, 1000BaseSX Multimode: 50-62.5/125μm
100BaseFX, 1000BaseLX Singlemode: 7-10/125μm


Similar Part No. - NT24K-12SFP-DM4-POE

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
More results

Similar Description - NT24K-12SFP-DM4-POE

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-12GX4-POE REDLION-NT24K-12GX4-POE Datasheet
580Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10FX2-POE REDLION-NT24K-10FX2-POE Datasheet
567Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-14FX6-POE REDLION-NT24K-14FX6-POE Datasheet
586Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10GX2-POE REDLION-NT24K-10GX2-POE Datasheet
572Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-8TX-POE REDLION-NT24K-8TX-POE Datasheet
514Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-12FX4-POE REDLION-NT24K-12FX4-POE Datasheet
577Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-14GX6-POE REDLION-NT24K-14GX6-POE Datasheet
595Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-11GX3-POE REDLION-NT24K-11GX3-POE Datasheet
577Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-11FX3-POE REDLION-NT24K-11FX3-POE Datasheet
575Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
logo
ORing Industrial Networ...
IGPS-9842GTP ORING-IGPS-9842GTP Datasheet
2Mb / 6P
   Industrial 14-port managed Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com