Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S190-120 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # S190-120
Description  BUSINESS SERVERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

S190-120 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  S190-120 Datasheet HTML 1Page - Fujitsu Component Limited. S190-120 Datasheet HTML 2Page - Fujitsu Component Limited. S190-120 Datasheet HTML 3Page - Fujitsu Component Limited. S190-120 Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
⏐ Issue: November⏐ S190 BUSINESS SERVERS
Page 3 / 4
Installation Data:
Electrical
Cabinet 1
1)
Cabinet 3to 6
1)
Rated voltage (V)
3x 200 – 240 ±10%
200 – 240 ±10%
Rated frequency (Hz)
50/60 ±1
50/60 ±1
Power
Cabinet 1
1)
Cabinet 3,4
1)
Cabinet 5,6
1)
Power consumption (kVA)
6.6
5)
-
1.3
0.8
Effective Power (kW)
1.8
0.96
0.73
Fuse rating (A)
30
10
10
Connection type
3x 3wire
2)
3-wire
2)
3-wire
2)
Physical
Cabinet 1
1)
Cabinet 3,4
1)
Cabinet 5,6
1)
Height (mm)
1800
1800
1800
Width (mm)
1670
1280
680
Depth (mm)
936
936
850
Weight (kg)
1000
400
180
Footprint (W x D) (mm)
3)
1670 x 2450
2450 x 1214
2680 x 2850
Noise emission
Cabinet 1 to 6
1)
Sound pressure level
at workplace (dB(A))
≤60
Environmental
Cabinet 1 to 6
1)
Operating environment to
class 3K2
DIN IEC 721
Temperature (°C)
15 – 32
Rel. humidity (%)
20
4) – 75
COMPLIANCE WITH STANDARDS
Cabinet 1 to 6
2)
Safety
EN 60950
Radiation emission, RFI suppression
In preparation: UL 1950 protection class 1
EN 55022 A, EN 50082-1 and EN 6100-3-2/3
In preparation: FCC class A
CE mark in accordance with EU Directive
89/336/EEC (RFI) and 73/23/EEC (product safety)
1) Cabinet 1: Basic cabinet (2 frames; central processors, input/output processors, channels, SVP, PCI)
Cabinet 2 Global Storage (Unit A)
Cabinet 3 Global Storage (Unit B)
Cabinet 4 Battery for Global Storage Unit A
Cabinet 5 Battery for Global Storage Unit B
2) Permanently wired connection to commercially available power distributor or 3911 Power Distributor required.
3) Installation area incl. space for operating and maintenance access
4) Limited range compared to 3K2
5) Power consumption for max. configuration


Similar Part No. - S190-120

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S1901-06R HARWIN-S1901-06R Datasheet
112Kb / 1P
   SMT MINI BLADE FUSE CLIP (TAPE AND REEL)
S1901-46R HARWIN-S1901-46R Datasheet
112Kb / 1P
   SMT MINI BLADE FUSE CLIP (TAPE AND REEL)
More results

Similar Description - S190-120

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJSNE AMPHENOL-RJSNE Datasheet
272Kb / 2P
   Network servers
RJSSE AMPHENOL-RJSSE Datasheet
219Kb / 2P
   Network servers
RJHSE AMPHENOL-RJHSE Datasheet
211Kb / 2P
   Network servers
RJE74 AMPHENOL-RJE74 Datasheet
270Kb / 2P
   Network servers
logo
List of Unclassifed Man...
MIL-DTL-26482 ETC2-MIL-DTL-26482 Datasheet
186Kb / 1P
   Connectors Business Unit
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Total Power Internation...
TPS-120 TOTAL-POWER-TPS-120 Datasheet
1Mb / 4P
   Telecommunications/Business machines
logo
Bel Fuse Inc.
PFE1300-48-054NA BEL-PFE1300-48-054NA Datasheet
2Mb / 23P
   High performance servers
PFE600-12-054XA BEL-PFE600-12-054XA Datasheet
1Mb / 22P
   High performance servers
PFE850-12-054XA BEL-PFE850-12-054XA Datasheet
1Mb / 23P
   High performance servers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com