Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR281 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR281
Description  28-Bit Channel Link
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR281 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS90CR281 Datasheet HTML 2Page - National Semiconductor (TI) DS90CR281 Datasheet HTML 3Page - National Semiconductor (TI) DS90CR281 Datasheet HTML 4Page - National Semiconductor (TI) DS90CR281 Datasheet HTML 5Page - National Semiconductor (TI) DS90CR281 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR281 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR281 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR281 Datasheet HTML 9Page - National Semiconductor (TI) DS90CR281 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AC Timing Diagrams (Continued)
DS012638-7
DS012638-8
FIGURE 3. DS90CR282 (Receiver) CMOS/TTL Output Load and Transition Timing
DS012638-9
FIGURE 4. DS90CR281 (Transmitter) Input Clock Transition Time
DS012638-10
Measurements at Vdiff = 0V
Measurements at Vdiff = 0V
TCCS measured between earliest and latest initial LVDS edges.Measurements at Vdiff = 0V
TxCLK OUT Differential Low→High Edge
FIGURE 5. DS90CR281 (Transmitter) Channel-to-Channel Skew and Pulse Width
DS012638-11
FIGURE 6. DS90CR281 (Transmitter) Setup/Hold and High/Low Times
www.national.com
6


Similar Part No. - DS90CR281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR281 TI1-DS90CR281 Datasheet
319Kb / 15P
[Old version datasheet]   28-Bit Channel Link
DS90CR281MTD TI1-DS90CR281MTD Datasheet
319Kb / 15P
[Old version datasheet]   28-Bit Channel Link
More results

Similar Description - DS90CR281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR281 TI1-DS90CR281 Datasheet
319Kb / 15P
[Old version datasheet]   28-Bit Channel Link
logo
National Semiconductor ...
DS90CR288A NSC-DS90CR288A Datasheet
224Kb / 20P
   28-Bit Channel Link-85MHz
DS90CR283 NSC-DS90CR283 Datasheet
277Kb / 14P
   28-Bit Channel Link-66 MHz
DS90CR283 NSC-DS90CR283_01 Datasheet
277Kb / 13P
   28-Bit Channel Link-66 MHz
DS90CR211 NSC-DS90CR211 Datasheet
255Kb / 14P
   21-Bit Channel Link
DS90CR287 NSC-DS90CR287_04 Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
DS90CR287 NSC-DS90CR287 Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR286AT-Q1 TI1-DS90CR286AT-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link 66 MHz
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com