Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5.241-S1 Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # CS5.241-S1
Description  POWER SUPPLY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS5.241-S1 Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  CS5.241-S1 Datasheet HTML 1Page - Red Lion Controls. Inc CS5.241-S1 Datasheet HTML 2Page - Red Lion Controls. Inc CS5.241-S1 Datasheet HTML 3Page - Red Lion Controls. Inc CS5.241-S1 Datasheet HTML 4Page - Red Lion Controls. Inc CS5.241-S1 Datasheet HTML 5Page - Red Lion Controls. Inc CS5.241-S1 Datasheet HTML 6Page - Red Lion Controls. Inc CS5.241-S1 Datasheet HTML 7Page - Red Lion Controls. Inc CS5.241-S1 Datasheet HTML 8Page - Red Lion Controls. Inc CS5.241-S1 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C–Series
24V, 5A, SINGLE PHASE INPUT
Dec. 2006 / Rev. 1.3 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
3/20
5. AC-INPUT
AC input
nom.
AC 100-120V /
200-240V
auto-select input, TN-, TT-, IT-Mains, see Fig. 5-1
AC input range
90-132Vac
100-120V range, continuous operation
180-264Vac
200-240V range, continuous operation
85-90Vac
Short term or with output derating
264-300Vac
< 0.5s
Input frequency
nom.
50 – 60Hz
±6%
AC 100V
AC 120V
AC 230V
Input current
typ.
2.34A
2.05A
1.23A
at 24V, 5A see Fig. 5-3
Power factor *)
typ.
0.58
0.56
0.47
at 24V, 5A see Fig. 5-1
Crest factor **)
typ.
2,9
3,1
3,7
at 24V, 5A
Start-up delay
typ.
740ms
900ms
720ms
see Fig. 5-2
Rise time
typ.
8ms
8ms
8ms
0mF, 24V, 5A, see Fig. 5-2
typ.
25ms
25ms
25ms
5mF, 24V, 5A, see Fig. 5-2
Turn-on overshoot
max.
400mV
400mV
400mV
see Fig. 5-2
Turn-on voltage
typ.
75Vac
75Vac
N / A
steady-state value, see Fig. 5-1
Shut-down voltage
typ.
55Vac
55Vac
N / A
steady-state value, see Fig. 5-1
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**)
The crest factor is the mathematical ratio of the peak value to the RMS value of the input current waveform
Fig. 5-1 Input voltage range
Fig. 5-2 Turn-on behavior, definitions
90V
Rated input ranges
V
IN
P
OUT
264Vac
180V
132V
no
harm
from
132 to
180V
Range
100-
120V
Range
200-
240V
Start-up
delay
Rise
Time
- 5%
Output
Voltage
Intput
Voltage
Fig. 5-3 Input current vs. output load
Fig. 5-4 Power Factor vs. output load
6A
1 1.5 2
3
4
0
0.5
1
1.5
2
2.5
3A
Input
Current, typ.
5
Output Current
2.5
3.5
4.5
5.5
230Va
c
120
Vac
100
Vac
6A
1 1.5 2
3
4
0.35
0.4
5
Output Current
2.5
3.5
4.5
5.5
0.45
0.5
0.55
0.6
0.65
Power Factor, typ.
230Vac
120Vac
100Va
c


Similar Part No. - CS5.241-S1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS5.241-S1 PULS-CS5.241-S1 Datasheet
616Kb / 25P
   SINGLE PHASE INPUT
More results

Similar Description - CS5.241-S1

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
   Power Supply
logo
Pepperl+Fuchs Inc.
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
   Power supply
PSU-IDMX61-BC-N0-N0 PF-PSU-IDMX61-BC-N0-N0 Datasheet
113Kb / 1P
   Power supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
   Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
   Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
   Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
   Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
   Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
   Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
   Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
   Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com