Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPS20.481 Datasheet(PDF) 9 Page - Red Lion Controls. Inc

Part # CPS20.481
Description  POWER SUPPLY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CPS20.481 Datasheet(HTML) 9 Page - Red Lion Controls. Inc

Back Button CPS20.481 Datasheet HTML 5Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 6Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 7Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 8Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 9Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 10Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 11Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 12Page - Red Lion Controls. Inc CPS20.481 Datasheet HTML 13Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CPS20.481
C-Series
48V, 10A, SINGLE PHASE INPUT
9. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
92.0%
92.6%
93.9%
at 48V, 10A
typ.
91.8%
92.3%
93.9%
at 48V, 12A (Power Boost)
Average efficiency*)
typ.
91.1%
91.7%
92.8%
25% at 2.5A, 25% at 5A,
25% at 7.5A. 25% at 10A
Power losses
typ.
6.1W
3.6W
2.4W
at 48V, 0A
typ.
22.5W
21.6W
18.3W
at 48V, 5A
typ.
41.7W
38.4W
31.2W
at 48V, 10A
typ.
51.5W
48.0W
37.4W
at 48V, 12A (Power Boost)
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 9-1 Efficiency vs. output current at 48V,
typ
Fig. 9-2 Losses vs. output current at 48V, typ.
01
34
6
7
12A
86
84
88
90
92
96%
9/26
910
94
2
5
8
Output Current
11
a) 100Vac
b) 120Vac
c) 230Vac
b
a
Efficiency
c
Power Losses
01
34
6
7
12A
10
0
20
30
40
60W
910
50
2
5
8
Output Current
11
a) 100Vac
b) 120Vac
c) 230Vac
c
a
b
Fig. 9-3 Efficiency vs. input voltage at 48V,
10A, typ.
Fig. 9-4 Losses vs. input voltage at 48V, 10A,
typ.
Efficiency
120
180
230
264Vac
Power Losses
89
90
91
92
Input Voltage
93
94
95%
120
180
230
264Vac
20
25
30
35
Input Voltage
40
45
50W
100
100
Apr. 2014 / Rev. 1.5 DS-CPS20.481-EN
All parameters are specified at 48V, 10A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CPS20.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CPS20.481 PULS-CPS20.481 Datasheet
669Kb / 26P
   48V, 10A, SINGLE PHASE INPUT
CPS20.481-D1 PULS-CPS20.481-D1 Datasheet
662Kb / 26P
   DC/DC CONVERTER
More results

Similar Description - CPS20.481

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
   Power Supply
logo
Pepperl+Fuchs Inc.
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
   Power supply
PSU-IDMX61-BC-N0-N0 PF-PSU-IDMX61-BC-N0-N0 Datasheet
113Kb / 1P
   Power supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
   Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
   Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
   Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
   Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
   Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
   Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
   Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
   Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com