Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST-PS-024-05 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # ST-PS-024-05
Description  Industrial Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ST-PS-024-05 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  ST-PS-024-05 Datasheet HTML 1Page - Red Lion Controls. Inc ST-PS-024-05 Datasheet HTML 2Page - Red Lion Controls. Inc ST-PS-024-05 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
xx-PS-024 Industrial 24 VDC Power Supplies
Sixnet Automation Series
Industrial Power Supplies
industrial & commercial solutions
www.sixnet.com
IndustrIal 24 VdC Power suPPlIes
xx-PS-024
PRODUCT DATASHEET
These Sixnet industrial power supplies are designed to meet or
exceed the requirements of the industrial devices they power.
They are ideal for any industrial application where consistent
performance and long term reliability are a must.
ProduCt HIGHlIGHts
n
AC input up to 264 VAC at 50/60 Hz
n
DC input up to 370 VDC
n
24 VDC output up to 120 Watts (5 Amps)
n
Fully protected from short circuit, over-load, over-voltage
and over-temperature conditions
n
DIN rail mounting standard
n
Wide operating temperature range
n
Certified to perform
seVeral Models to CHoose FroM
n
rm-Ps-024-01 (24 Watts)
p
Output: 24 VDC @ 1 Amp
p
18 extra terminals for bussing power
p
Connect a second supply for redundancy
p
Universal AC input from 85 – 264 VAC
p
Ideal for small distributed I/O stations
p
Unique hot swappable power module
p
Both DIN rail and panel mounting
n
et-Ps-024-02 (48 Watts)
p
Output: 24 VDC @ 2 Amps
p
Compact size - ideal for small enclosures
p
Universal AC input from 85 - 264 VAC
p
Ideal to power an industrial switch or modem
n
st-Ps-024-05 (120 Watts)
p
Output: 24 VDC @ 5 Amps
p
Selectable AC input up to 264 VAC
p
Compact size - high power to size ratio
p
Ideal for medium size automation panels
orderInG GuIde
rm-Ps-024-01F
AC to 24 VDC power supply; 24
Watts (1 Amp)
et-Ps-024-02
AC to 24 VDC power supply; 48
Watts (2 Amps)
st-Ps-024-05
AC to 24 VDC power supply; 120
Watts (5 Amps)
st-Ps-024-05
rm-Ps-024-01
et-Ps-024-02
Rev: Apr 27, 2010
industrial & commercial solutions
www.sixnet.com
IndustrIal 24 VdC Power suPPlIes
xx-PS-024
PRODUCT DATASHEET
These Sixnet industrial power supplies are designed to meet or
exceed the requirements of the industrial devices they power.
They are ideal for any industrial application where consistent
performance and long term reliability are a must.
ProduCt HIGHlIGHts
n
AC input up to 264 VAC at 50/60 Hz
n
DC input up to 370 VDC
n
24 VDC output up to 120 Watts (5 Amps)
n
Fully protected from short circuit, over-load, over-voltage
and over-temperature conditions
n
DIN rail mounting standard
n
Wide operating temperature range
n
Certified to perform
seVeral Models to CHoose FroM
n
rm-Ps-024-01 (24 Watts)
p
Output: 24 VDC @ 1 Amp
p
18 extra terminals for bussing power
p
Connect a second supply for redundancy
p
Universal AC input from 85 – 264 VAC
p
Ideal for small distributed I/O stations
p
Unique hot swappable power module
p
Both DIN rail and panel mounting
n
et-Ps-024-02 (48 Watts)
p
Output: 24 VDC @ 2 Amps
p
Compact size - ideal for small enclosures
p
Universal AC input from 85 - 264 VAC
p
Ideal to power an industrial switch or modem
n
st-Ps-024-05 (120 Watts)
p
Output: 24 VDC @ 5 Amps
p
Selectable AC input up to 264 VAC
p
Compact size - high power to size ratio
p
Ideal for medium size automation panels
orderInG GuIde
rm-Ps-024-01F
AC to 24 VDC power supply; 24
Watts (1 Amp)
et-Ps-024-02
AC to 24 VDC power supply; 48
Watts (2 Amps)
st-Ps-024-05
AC to 24 VDC power supply; 120
Watts (5 Amps)
st-Ps-024-05
rm-Ps-024-01
et-Ps-024-02
Rev: Apr 27, 2010
industrial & commercial solutions
www.sixnet.com
IndustrIal 24 VdC Power suPPlIes
xx-PS-024
PRODUCT DATASHEET
These Sixnet industrial power supplies are designed to meet or
exceed the requirements of the industrial devices they power.
They are ideal for any industrial application where consistent
performance and long term reliability are a must.
ProduCt HIGHlIGHts
n
AC input up to 264 VAC at 50/60 Hz
n
DC input up to 370 VDC
n
24 VDC output up to 120 Watts (5 Amps)
n
Fully protected from short circuit, over-load, over-voltage
and over-temperature conditions
n
DIN rail mounting standard
n
Wide operating temperature range
n
Certified to perform
seVeral Models to CHoose FroM
n
rm-Ps-024-01 (24 Watts)
p
Output: 24 VDC @ 1 Amp
p
18 extra terminals for bussing power
p
Connect a second supply for redundancy
p
Universal AC input from 85 – 264 VAC
p
Ideal for small distributed I/O stations
p
Unique hot swappable power module
p
Both DIN rail and panel mounting
n
et-Ps-024-02 (48 Watts)
p
Output: 24 VDC @ 2 Amps
p
Compact size - ideal for small enclosures
p
Universal AC input from 85 - 264 VAC
p
Ideal to power an industrial switch or modem
n
st-Ps-024-05 (120 Watts)
p
Output: 24 VDC @ 5 Amps
p
Selectable AC input up to 264 VAC
p
Compact size - high power to size ratio
p
Ideal for medium size automation panels
orderInG GuIde
rm-Ps-024-01F
AC to 24 VDC power supply; 24
Watts (1 Amp)
et-Ps-024-02
AC to 24 VDC power supply; 48
Watts (2 Amps)
st-Ps-024-05
AC to 24 VDC power supply; 120
Watts (5 Amps)
st-Ps-024-05
rm-Ps-024-01
et-Ps-024-02
Rev: Apr 27, 2010
industrial & commercial solutions
www.sixnet.com
IndustrIal 24 VdC Power suPPlIes
xx-PS-024
PRODUCT DATASHEET
These Sixnet industrial power supplies are designed to meet or
exceed the requirements of the industrial devices they power.
They are ideal for any industrial application where consistent
performance and long term reliability are a must.
ProduCt HIGHlIGHts
n
AC input up to 264 VAC at 50/60 Hz
n
DC input up to 370 VDC
n
24 VDC output up to 120 Watts (5 Amps)
n
Fully protected from short circuit, over-load, over-voltage
and over-temperature conditions
n
DIN rail mounting standard
n
Wide operating temperature range
n
Certified to perform
seVeral Models to CHoose FroM
n
rm-Ps-024-01 (24 Watts)
p
Output: 24 VDC @ 1 Amp
p
18 extra terminals for bussing power
p
Connect a second supply for redundancy
p
Universal AC input from 85 – 264 VAC
p
Ideal for small distributed I/O stations
p
Unique hot swappable power module
p
Both DIN rail and panel mounting
n
et-Ps-024-02 (48 Watts)
p
Output: 24 VDC @ 2 Amps
p
Compact size - ideal for small enclosures
p
Universal AC input from 85 - 264 VAC
p
Ideal to power an industrial switch or modem
n
st-Ps-024-05 (120 Watts)
p
Output: 24 VDC @ 5 Amps
p
Selectable AC input up to 264 VAC
p
Compact size - high power to size ratio
p
Ideal for medium size automation panels
orderInG GuIde
rm-Ps-024-01F
AC to 24 VDC power supply; 24
Watts (1 Amp)
et-Ps-024-02
AC to 24 VDC power supply; 48
Watts (2 Amps)
st-Ps-024-05
AC to 24 VDC power supply; 120
Watts (5 Amps)
st-Ps-024-05
rm-Ps-024-01
et-Ps-024-02
Rev: Apr 27, 2010
industrial & commercial solutions
www.sixnet.com
IndustrIal 24 VdC Power suPPlIes
xx-PS-024
PRODUCT DATASHEET
These Sixnet industrial power supplies are designed to meet or
exceed the requirements of the industrial devices they power.
They are ideal for any industrial application where consistent
performance and long term reliability are a must.
ProduCt HIGHlIGHts
n
AC input up to 264 VAC at 50/60 Hz
n
DC input up to 370 VDC
n
24 VDC output up to 120 Watts (5 Amps)
n
Fully protected from short circuit, over-load, over-voltage
and over-temperature conditions
n
DIN rail mounting standard
n
Wide operating temperature range
n
Certified to perform
seVeral Models to CHoose FroM
n
rm-Ps-024-01 (24 Watts)
p
Output: 24 VDC @ 1 Amp
p
18 extra terminals for bussing power
p
Connect a second supply for redundancy
p
Universal AC input from 85 – 264 VAC
p
Ideal for small distributed I/O stations
p
Unique hot swappable power module
p
Both DIN rail and panel mounting
n
et-Ps-024-02 (48 Watts)
p
Output: 24 VDC @ 2 Amps
p
Compact size - ideal for small enclosures
p
Universal AC input from 85 - 264 VAC
p
Ideal to power an industrial switch or modem
n
st-Ps-024-05 (120 Watts)
p
Output: 24 VDC @ 5 Amps
p
Selectable AC input up to 264 VAC
p
Compact size - high power to size ratio
p
Ideal for medium size automation panels
orderInG GuIde
rm-Ps-024-01F
AC to 24 VDC power supply; 24
Watts (1 Amp)
et-Ps-024-02
AC to 24 VDC power supply; 48
Watts (2 Amps)
st-Ps-024-05
AC to 24 VDC power supply; 120
Watts (5 Amps)
st-Ps-024-05
rm-Ps-024-01
et-Ps-024-02
Rev: Apr 27, 2010
industrial & commercial solutions
www.sixnet.com
IndustrIal 24 VdC Power suPPlIes
xx-PS-024
PRODUCT DATASHEET
These Sixnet industrial power supplies are designed to meet or
exceed the requirements of the industrial devices they power.
They are ideal for any industrial application where consistent
performance and long term reliability are a must.
ProduCt HIGHlIGHts
n
AC input up to 264 VAC at 50/60 Hz
n
DC input up to 370 VDC
n
24 VDC output up to 120 Watts (5 Amps)
n
Fully protected from short circuit, over-load, over-voltage
and over-temperature conditions
n
DIN rail mounting standard
n
Wide operating temperature range
n
Certified to perform
seVeral Models to CHoose FroM
n
rm-Ps-024-01 (24 Watts)
p
Output: 24 VDC @ 1 Amp
p
18 extra terminals for bussing power
p
Connect a second supply for redundancy
p
Universal AC input from 85 – 264 VAC
p
Ideal for small distributed I/O stations
p
Unique hot swappable power module
p
Both DIN rail and panel mounting
n
et-Ps-024-02 (48 Watts)
p
Output: 24 VDC @ 2 Amps
p
Compact size - ideal for small enclosures
p
Universal AC input from 85 - 264 VAC
p
Ideal to power an industrial switch or modem
n
st-Ps-024-05 (120 Watts)
p
Output: 24 VDC @ 5 Amps
p
Selectable AC input up to 264 VAC
p
Compact size - high power to size ratio
p
Ideal for medium size automation panels
orderInG GuIde
rm-Ps-024-01F
AC to 24 VDC power supply; 24
Watts (1 Amp)
et-Ps-024-02
AC to 24 VDC power supply; 48
Watts (2 Amps)
st-Ps-024-05
AC to 24 VDC power supply; 120
Watts (5 Amps)
st-Ps-024-05
rm-Ps-024-01
et-Ps-024-02
Rev: Apr 27, 2010


Similar Part No. - ST-PS-024-05

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ST-PS-024-05 REDLION-ST-PS-024-05 Datasheet
781Kb / 2P
   Rugged Hardware-Based Solution for Fail-Safe Shutdown
More results

Similar Description - ST-PS-024-05

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TIS TOUCHSTONE-TIS Datasheet
1Mb / 13P
   Industrial Power Supplies
logo
National Instruments Co...
PS-15 NI-PS-15 Datasheet
831Kb / 4P
   Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300P RSG-HWS300P Datasheet
367Kb / 3P
   Peak Power Industrial Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com