Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF4 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # PF4
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PF4 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  PF4 Datasheet HTML 1Page - GOOD-ARK Electronics PF4 Datasheet HTML 2Page - GOOD-ARK Electronics PF4 Datasheet HTML 3Page - GOOD-ARK Electronics PF4 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PF1 thru PF7
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1A
Package Outline Dimensions
Packing Information
Packing quantities:
Packing Tape Specification
Soldering footprint
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
30K
120K
Package
Unit:mm
MIN
MAX
A
0.75
0.90
B
0.85
1.05
B1
0.85
1.05
C
0.1
0.25
D
1.9
2.1
E
2.9
3.1
L1
2.0
2.45
L2
0.4
0.85
L3
1.3
1.7
HE
3.5
3.9
iSGA
www.goodark.com
3/4
2016.03-Rev.A


Similar Part No. - PF4

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PF4-L PANDUIT-PF4-L Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
PF4-TL PANDUIT-PF4-TL Datasheet
854Kb / 12P
   P-CONN TM SCREW-ON WIRE CONNECTORS
logo
Electronic devices inc.
PF40 EDI-PF40 Datasheet
69Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.5AMPERES THROUGH 5.0 AMPERES FOR P.C. BOARD AND POWER TERMINAL MOUNTING
logo
3M Electronics
PF400L 3M-PF400L Datasheet
580Kb / 2P
   Vikuiti Privacy Filter Finder
PF400L 3M-PF400L Datasheet
580Kb / 2P
   VikuitiTM Privacy Filter Finder
More results

Similar Description - PF4

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com