Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2F7 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # P2F7
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

P2F7 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  P2F7 Datasheet HTML 1Page - GOOD-ARK Electronics P2F7 Datasheet HTML 2Page - GOOD-ARK Electronics P2F7 Datasheet HTML 3Page - GOOD-ARK Electronics P2F7 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PF27/P2F7
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 1000V Forward Current 2A
Package Outline Dimensions
Packing Information
Packing quantities:
Packing Tape Specification
Soldering footprint
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
30K
120K
Package
Unit:mm
MIN
MAX
A
0.75
0.90
B
0.85
1.05
B1
0.85
1.05
C
0.1
0.25
D
1.9
2.1
E
2.9
3.1
L1
2.0
2.45
L2
0.4
0.85
L3
1.3
1.7
HE
3.5
3.9
iSGA
www.goodark.com
3/4
2015.06-Rev.A


Similar Part No. - P2F7

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
P2FE60VX5K SHINDENGEN-P2FE60VX5K Datasheet
864Kb / 4P
   Power MOSFET
More results

Similar Description - P2F7

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF1 GOOD-ARK-PF1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com