Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1L9223B02-T0R0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S1L9223B02-T0R0
Description  RF AMP & SERVO SIGNAL PROCESSOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1L9223B02-T0R0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S1L9223B02-T0R0 Datasheet HTML 6Page - Samsung semiconductor S1L9223B02-T0R0 Datasheet HTML 7Page - Samsung semiconductor S1L9223B02-T0R0 Datasheet HTML 8Page - Samsung semiconductor S1L9223B02-T0R0 Datasheet HTML 9Page - Samsung semiconductor S1L9223B02-T0R0 Datasheet HTML 10Page - Samsung semiconductor S1L9223B02-T0R0 Datasheet HTML 11Page - Samsung semiconductor S1L9223B02-T0R0 Datasheet HTML 12Page - Samsung semiconductor S1L9223B02-T0R0 Datasheet HTML 13Page - Samsung semiconductor S1L9223B02-T0R0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
S1L9223B02
RF AMP & SERVO SIGNAL PROCESSOR
10
ELECTRICAL CHARACTERISTICS (Continued)
(Ta = 25
°C, V
DD = DVDD = VCC = +3.2V, VSS = DVSS = GND = VSSP = 0V)
Characteristic
Symbol
Test Conditions
Output
Min.
Typ.
Max.
Unit
Mirror Maximum Output
Voltage H
Vmirh
SG4 1.2V+0.8Vp-p,
1kHz,sine
pin 38
2.7
−−
V
Mirror Minimum Output
Voltage L
Vmirl
SG4 1.2V+0.8Vp-p,
1kHz,sine
−−
0.5
V
Mirror Minimum Operating
Frequency
Fmirh
SG4 1.2V + 0.8Vp-p,
900Hz,sine
550
900
Hz
Mirror Maximum Operating
Frequency
Fmirb
SG4 1.2V+0.8Vp-p,
30kHz,sine
30
75
kHz
Mirror AM Frequency
Characterstic
Fmir
SG4 1.2V+0.8Vp-p, 600Hz,
fc=600kHz 55% modulation
-400
600
Hz
Mirror Minimum Input
Voltage
Vmir
SG4 1.2V + 0.2Vp-p,
10kHz,sine
0.1
0.2
V
Mirror Maximum Input
Voltage
Vmih
SG4 1.2V+1.8Vp-p,
10kHz,sine
pin 39
1.8
−−
V
FOK Threshold Voltage
Vfokt
SG4 1.35V - 1.1V,
DCsweep, 5mV step
−420
−360
−300
mV
FOK Output Voltage H
Vfokh
SG4 DC 1.0V
2.7
−−
V
FOK Output Voltage L
Vfokl
SG4 DC 1.6V
−−
0.5
V
Defect Output Voltage H
Vdfcth
$863,SG3
1.615V+0.032Vp-p
f = 1kHz,sine
pin 40
2.7
−−
V
Defect Output Voltage L
Vdfcth
$863,SG3
1.615V+0.032Vp-p
f = 1kHz,sine
−−
0.5
V
Focus Loop Mute
Fmute
SG2 1.6V+0.1Vp-p
1kHz,sine
pin 47
−100
0
100
mV
Tracking Loop Mute
Tmute
SG2 1.6V+0.1Vp-p
1kHz,sine
pin 49
−100
0
120
mV
Loop mute offset voltage
Vteo1
No input
-100
0
100
mV
Interruption
Imute
$854 SG2 1.6V+0.1Vp-p
1kHz,sine
−100
0
120
mV
Interruption on 1
Imute1
$857 SG2 1.6V+0.1Vp-p
1kHz,sine
-100
0
100
mV
Interruption on 2
Imute2
$855 SG2 1.6V+0.1Vp-p
1kHz,sine
-100
0
100
mV


Similar Part No. - S1L9223B02-T0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B01-Q0R0 SAMSUNG-S1L9223B01-Q0R0 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
More results

Similar Description - S1L9223B02-T0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
KB9223 SAMSUNG-KB9223 Datasheet
614Kb / 34P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9226X SAMSUNG-S1L9226X Datasheet
454Kb / 56P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9225 SAMSUNG-S1L9225 Datasheet
623Kb / 60P
   RF AMP & SERVO SIGNAL PROCESSOR
logo
Rohm
BU9312AKS ROHM-BU9312AKS Datasheet
127Kb / 6P
   Servo signal processor for CD
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
CXA1182Q-Z SONY-CXA1182Q-Z Datasheet
1Mb / 28P
   Servo Signal Processor for CD Plaer
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com