Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P22A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # P22A
Description  Surface Mount Glass Passivated Standard Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

P22A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  P22A Datasheet HTML 1Page - GOOD-ARK Electronics P22A Datasheet HTML 2Page - GOOD-ARK Electronics P22A Datasheet HTML 3Page - GOOD-ARK Electronics P22A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P21A thru P27A
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 50~1000V Forward Current 2A
Features
• Glass passivated Standard Rectifiers
• Low profile, typical thickness 0.8mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Heatsink structure
• High temperature soldering guaranteed: 260℃/10 seconds
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies and other consumer applications.
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
I
2t
A
2sec
TJ, TSTG
°C
Minimum Breakdown voltage
Ta=25℃,IR=100uA
VBR
600
IF=2 A,Ta=25℃
IF=2 A,Ta=125℃
TA=25℃
TA=125℃
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
juntion to ambient
RθJA1)
juntion to lead
RθJL1)
juntion to case
RθJC2)
Note:1),The thermal resistance from junction to ambient or lead, mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
2),The thermal resistance from junction to case, mounted on P.C.B with recommended copper pads,2 OZ,FR4 PCB
℃/W
35
1.1
Maximum DC reverse current at
rated DC blocking voltage
IR
5
µA
50
Typical reverse recovery time
trr
1.5
uS
12.4
Volts
10
Typical thermal resistance
60
1000
Maximum instantaneous forward
voltage
VF
0.9
Unit
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
60
Operating junction and storage temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
P21A P22A
Rating for fusing(t<8.3ms)
15
P23A P24A P25A
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
P21A P22A P23A P24A P25A P26A P27A Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
400
2.0
P26A P27A
iSGA
(SOD-123HS)
www.goodark.com
1/4
2016.03-Rev.A


Similar Part No. - P22A

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
P22 FERROXCUBE-P22 Datasheet
103Kb / 10P
   P cores and accessories
logo
Vishay Siliconix
P22 VISHAY-P22 Datasheet
109Kb / 4P
   5-Turn Analog Displacement Sensor P22 Redundant
01-Jan-2022
P22 VISHAY-P22 Datasheet
93Kb / 4P
   Single-Turn Continuous Rotation Analog Displacement Sensors
01-Jan-2022
logo
Schneider Electric
P22 SCHNEIDER-P22 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
PANDUIT CORP.
P22-10R PANDUIT-P22-10R Datasheet
80Kb / 1P
   26-22 BARREL NON-INSULATED RING TONGUE
More results

Similar Description - P22A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
   Standard Surface Mount Glass Passivated Rectifier
Revision: 14-Jan-11
logo
GOOD-ARK Electronics
F1DS GOOD-ARK-F1DS Datasheet
201Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
F1510A GOOD-ARK-F1510A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
P1A GOOD-ARK-P1A Datasheet
384Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
GN1P20 GOOD-ARK-GN1P20 Datasheet
159Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
GN2P20 GOOD-ARK-GN2P20 Datasheet
393Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
logo
SeCoS Halbleitertechnol...
QG120A-C SECOS-QG120A-C Datasheet
377Kb / 2P
   Surface Mount Glass Passivated Standard Rectifier
logo
First Silicon Co., Ltd
G1A FS-G1A Datasheet
556Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
logo
GOOD-ARK Electronics
L2A1 GOOD-ARK-L2A1 Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com