Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81239MNTXG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP81239MNTXG
Description  USB Power Delivery 4-Switch Buck Boost Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81239MNTXG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP81239MNTXG Datasheet HTML 1Page - ON Semiconductor NCP81239MNTXG Datasheet HTML 2Page - ON Semiconductor NCP81239MNTXG Datasheet HTML 3Page - ON Semiconductor NCP81239MNTXG Datasheet HTML 4Page - ON Semiconductor NCP81239MNTXG Datasheet HTML 5Page - ON Semiconductor NCP81239MNTXG Datasheet HTML 6Page - ON Semiconductor NCP81239MNTXG Datasheet HTML 7Page - ON Semiconductor NCP81239MNTXG Datasheet HTML 8Page - ON Semiconductor NCP81239MNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 0
1
Publication Order Number:
NCP81239/D
NCP81239
USB Power Delivery
4-Switch Buck Boost
Controller
The NCP81239 USB Power Delivery (PD) Controller is a
synchronous buck boost that is optimized for converting battery
voltage or adaptor voltage into power supply rails required in
notebook, tablet, and desktop systems, as well as many other
consumer devices using USB PD standard and C−Type cables. The
NCP81239 is fully compliant to the USB Power Delivery
Specification when used in conjunction with a USB PD or C−Type
Interface Controller. NCP81239 is designed for applications requiring
dynamically controlled slew rate limited output voltage that require
either voltage higher or lower than the input voltage. The NCP81239
drives 4 NMOSFET switches, allowing it to buck or boost and support
the consumer and provider role swap function specified in the USB
Power Delivery Specification which is suitable for all USB PD
applications. The USB PD Buck Boost Controller operates with a
supply and load range of 4.5 V to 28 V.
Features
Wide Input Voltage Range: from 4.5 V to 28 V
Dynamically Programmed Frequency from 150 kHz to 1.2 MHz
I2C Interface
Real Time Power Good Indication
Controlled Slew Rate Voltage Transitioning
Feedback Pin with Internally Programmed Reference
Support USBPD/QC2.0/QC3.0 Profile
2 Independent Current Sensing Inputs
Over Temperature Protection
Adaptive Non−Overlap Gate Drivers
Filter Capacitor Switch Control
Over−Voltage and Over−Current Protection
Dead Battery Power Support
5 x 5 mm QFN32 Package
Typical Application
Notebooks, Tablets, Desktops
All in Ones
Monitors, TVs, and Set Top Boxes
Consumer Electronics
www.onsemi.com
ORDERING INFORMATION
Device
Package
Shipping
NCP81239MNTXG
QFN32
(Pb−Free)
4000 / Tape
& Reel
QFN32 5x5, 0.5P
CASE 485CE
MARKING DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCP81239
AWLYYWWG
G
1
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
32
1


Similar Part No. - NCP81239MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81239MNTXG ONSEMI-NCP81239MNTXG Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
More results

Similar Description - NCP81239MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81239 ONSEMI-NCP81239_18 Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCV81599 ONSEMI-NCV81599 Datasheet
1Mb / 33P
   USB Power Delivery 4-Switch Buck Boost Controller
July, 2020 ??Rev. 0
logo
Analog Devices
LT8253 AD-LT8253 Datasheet
906Kb / 20P
   40V USB Type-C Power Delivery Buck-Boost Controller
logo
ON Semiconductor
EVBUM2710 ONSEMI-EVBUM2710 Datasheet
5Mb / 24P
   USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
   USB Power Delivery Controller
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
   USB Power Delivery Controller
logo
Microchip Technology
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
   USB Power Delivery Controller
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
   USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
   USB Power Delivery Controller
logo
Texas Instruments
TPS25772-Q1 TI-TPS25772-Q1 Datasheet
454Kb / 7P
[Old version datasheet]   TPS25772-Q1 Automotive Dual USB Type-C Power Delivery Controller with Buck-Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com