Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81239 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP81239
Description  USB Power Delivery 4-Switch Buck Boost Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81239 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP81239 Datasheet HTML 1Page - ON Semiconductor NCP81239 Datasheet HTML 2Page - ON Semiconductor NCP81239 Datasheet HTML 3Page - ON Semiconductor NCP81239 Datasheet HTML 4Page - ON Semiconductor NCP81239 Datasheet HTML 5Page - ON Semiconductor NCP81239 Datasheet HTML 6Page - ON Semiconductor NCP81239 Datasheet HTML 7Page - ON Semiconductor NCP81239 Datasheet HTML 8Page - ON Semiconductor NCP81239 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NCP81239
www.onsemi.com
3
Figure 3. Block Diagram
Startup
INPUT
UVLO
_
+
+
Error OTA
500
µS/100µS
CO2
BST1
HSG1
VSW1
LSG1
VDRV
PGND1
LSG2
VDRV
PGND2
BST2
HSG2
VSW2
NOL
Drive
Logic_2
NOL
Drive
Logic_1
CSN1
CSP1
CSP2
CSN2
VCC
VDRV
CS1
CS2
CS1
CS1
CS2
CS2
NC
CLIND
INT
SDA
SCL
Limit
Registers
Status
Registers
I2C
Interface
Digital
Configuration
Oscillator
Reference
INT
Interface
VFB
COMP
+
CC
RC
CP
CS2_INT
CS2_INT
CS1_INT
CS1_INT
0_Ramp
Buck Logic
Boost Logic
Buck Boost
Logic
CONFIG
CONFIG
SW1
SW2
SW3
SW4
VDRV
CFET
DBIN
Current Limiting
Circuit
For Dead Battery
CONFIG
VFB
PG
Thermal
Shutdown
TS
Control
Logic
SW1
SW2
SW3
SW4
IUVLOB
BG
IUVLOB
PG
TS
CLIND
BG
+
CLINDP1
CLIMP1
+
EN
0.8V
EN
EN
TS
+
CL2P
CL2P REF
CS2_INT
CL2
CL1
BG
Value
Register
ADC
CSP1
CS1_INT
CS2_INT
Analog
Mux
AGND
FLAG
+
CLINDP2
CLIMP2
CLIND
VCC
EN
LOGIC
ENPOL
EN_MASK
+
VFB
PG_Low
PG_High
+
PG
VFB
PG_MSK
OV_REF
OV
PG/
OV/
LOGIC
OV_MSK
+
CO
VDRV
+
CL2N REF
CL2N
CONFIG
CONFIG
+
CL1P
CL1P REF
CS1_INT
+
CL1N REF
CL1N
CONFIG
CS1_INT
0_Ramp
VDRV
PDRV
CFET
PDRV
Q2
V1
+
4.0V
VDRV_rdy
+
4.0V
Vcc_rdy
+
Boot1V
Boot1 _UVLO
+
Boot1V
Boot2 _UVLO
Q1
V2
DBOUT
V1
FB
180_Ramp
Ramp_0
Ramp_180
CSP1
CSN2
VFB
PDRV
CFET
Table 1. PIN FUNCTION DESCRIPTION
Pin
Pin Name
Description
1
HSG1
S1 gate drive. Drives the S1 N−channel MOSFET with a voltage equal to VDRV superimposed on the switch
node voltage VSW1.
2
LSG1
Drives the gate of the S2 N−channel MOSFET between ground and VDRV.
3, 22
PGND
Power ground for the low side MOSFET drivers. Connect these pins closely to the source of the bottom
N−channel MOSFETs.
4
CSN1
Negative terminal of the current sense amplifier.
5
CSP1
Positive terminal of the current sense amplifier.
6
V1
Input voltage of the converter
7
CS1
Current sense amplifier output. CS1 will source a current that is proportional to the voltage across RS1 to an
external resistor. Ground this pin if not used.
8
CLIND
Open drain output to indicate that the CS1 or CS2 voltage has exceeded the I2C programmed limit.
9
SDA
I2C interface data line.
10
SCL
I2C interface clock line.
11
INT
Interrupt is an open drain output that indicates the state of the output power, the internal thermal trip, and oth-
er I2C programmable functions.
12
CFET
Controlled drive of an external MOSFET that connects a bulk output capacitor to the output of the power
converter. Necessary to adhere to low capacitance limits of the standard USB Specifications for power prior to
USB PD negotiation.
13−14
AGND
The ground pin for the analog circuitry.
15
COMP
Output of the transconductance amplifier used for stability in closed loop operation.


Similar Part No. - NCP81239

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81239 ONSEMI-NCP81239 Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCP81239A ONSEMI-NCP81239A Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCP81239AMNTXG ONSEMI-NCP81239AMNTXG Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCP81239MNTXG ONSEMI-NCP81239MNTXG Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCP81239 ONSEMI-NCP81239_18 Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
More results

Similar Description - NCP81239

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81239 ONSEMI-NCP81239_18 Datasheet
253Kb / 20P
   USB Power Delivery 4-Switch Buck Boost Controller
February, 2018 ??Rev. 4
NCV81599 ONSEMI-NCV81599 Datasheet
1Mb / 33P
   USB Power Delivery 4-Switch Buck Boost Controller
July, 2020 ??Rev. 0
logo
Analog Devices
LT8253 AD-LT8253 Datasheet
906Kb / 20P
   40V USB Type-C Power Delivery Buck-Boost Controller
logo
ON Semiconductor
EVBUM2710 ONSEMI-EVBUM2710 Datasheet
5Mb / 24P
   USB Type-C Source Controller Supporting USB Power Delivery 3.0 w/PPS and a 4-Switch Buck Boost Controller Evaluation Board
January, 2020 ??Rev. 0
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
   USB Power Delivery Controller
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
   USB Power Delivery Controller
logo
Microchip Technology
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
   USB Power Delivery Controller
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
   USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
   USB Power Delivery Controller
logo
Texas Instruments
TPS25772-Q1 TI-TPS25772-Q1 Datasheet
454Kb / 7P
[Old version datasheet]   TPS25772-Q1 Automotive Dual USB Type-C Power Delivery Controller with Buck-Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com