Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3A Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # P3A
Description  Surface Mount Glass Passivated Standard Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

P3A Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  P3A Datasheet HTML 1Page - GOOD-ARK Electronics P3A Datasheet HTML 2Page - GOOD-ARK Electronics P3A Datasheet HTML 3Page - GOOD-ARK Electronics P3A Datasheet HTML 4Page - GOOD-ARK Electronics P3A Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P1A thru P7A
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 50~1000V Forward Current 1A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non-Repetitive
Peak Forward Surge Current
Figure 3. Typical Reverse Characteristics
Figure 4. Typical Junction Capacitance
Figure 5. Typical Instantaneous Forward Characteristics
0
10
20
30
40
1
10
100
Number of Cycles at 60Hz
Ta=25℃
8.3ms single
half sine-wave
0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100 125 150
Lead temperature(℃)
1
10
100
0.1
1
10
Reverse Voltage (V)
Tj=25℃
f=1.0MHZ
Vsig=50mVp-p
0.01
0.1
1
10
0
0.3 0.6 0.9 1.2 1.5 1.8
Instantaneous Forward Voltage (V)
25℃
85℃
125℃
150℃
0.001
0.01
0.1
1
10
100
1000
10000
0
20
40
60
80
100 120
Percent of Rated Peak Reverse Voltage (%)
25℃
85℃
125℃
150℃
www.goodark.com
2/5
2016.03-Rev.A


Similar Part No. - P3A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P3A9606JK NXP-P3A9606JK Datasheet
474Kb / 30P
   Dual bidirectional I3C/I2C-bus and SPI voltage-level translator
Rev. 1.0-10 May 2021
P3A9606JK NXP-P3A9606JK Datasheet
469Kb / 26P
   Dual bidirectional I3C/I2C-bus and SPI voltage-level translator
Rev. 2.0 - 4 January 2023
P3A9606JKZ NXP-P3A9606JKZ Datasheet
474Kb / 30P
   Dual bidirectional I3C/I2C-bus and SPI voltage-level translator
Rev. 1.0-10 May 2021
P3A9606JKZ NXP-P3A9606JKZ Datasheet
469Kb / 26P
   Dual bidirectional I3C/I2C-bus and SPI voltage-level translator
Rev. 2.0 - 4 January 2023
P3A9606JK NXP-P3A9606JK_V01 Datasheet
469Kb / 26P
   Dual bidirectional I3C/I2C-bus and SPI voltage-level translator
Rev. 2.0 - 4 January 2023
More results

Similar Description - P3A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
   Standard Surface Mount Glass Passivated Rectifier
Revision: 14-Jan-11
logo
GOOD-ARK Electronics
F1DS GOOD-ARK-F1DS Datasheet
201Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
F1510A GOOD-ARK-F1510A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
GN1P20 GOOD-ARK-GN1P20 Datasheet
159Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
GN2P20 GOOD-ARK-GN2P20 Datasheet
393Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
logo
SeCoS Halbleitertechnol...
QG120A-C SECOS-QG120A-C Datasheet
377Kb / 2P
   Surface Mount Glass Passivated Standard Rectifier
logo
First Silicon Co., Ltd
G1A FS-G1A Datasheet
556Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
logo
GOOD-ARK Electronics
L2A1 GOOD-ARK-L2A1 Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com