Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1399 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1399
Description  High Performance Current Mode Resonant Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1399 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1399 Datasheet HTML 5Page - ON Semiconductor NCP1399 Datasheet HTML 6Page - ON Semiconductor NCP1399 Datasheet HTML 7Page - ON Semiconductor NCP1399 Datasheet HTML 8Page - ON Semiconductor NCP1399 Datasheet HTML 9Page - ON Semiconductor NCP1399 Datasheet HTML 10Page - ON Semiconductor NCP1399 Datasheet HTML 11Page - ON Semiconductor NCP1399 Datasheet HTML 12Page - ON Semiconductor NCP1399 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
NCP1399 Series
www.onsemi.com
9
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VCC = 12 V unless otherwise noted.)
Symbol
Unit
Max
Typ
Min
Pin
Rating
Faults and Auto−Recovery Timer
tFB_FAULT_TIMER
FB fault timer duration (NCP1399AA, NCP1399BA,
NCP1399AK)
160
200
240
ms
FB fault timer duration (NCP1399AC, NCP1399AF,
NCP1399AG, NCP1399AI, NCP1399AJ)
80
100
120
ms
FB fault timer duration (NCP1399AH)
240
300
360
ms
NFB_FAULT_COUNTER Number of DRV pulses to confirm FB fault
1000
VFB_FAULT
FB voltage when FB fault is detected
5
4.5
4.7
4.9
V
NCS_FAULT_COUNTER Number of CS_fault cmp. pulses to confirm CS fault
5
VCS_FAULT
CS voltage when CS fault is detected (NCP1399AA,
NCP1399BA, NCP1399AC, NCP1399AF, NCP1399AH,
NCP1399AI, NCP1399AK)
(NCP1399AG)
CS voltage when CS fault is detected (NCP1399AJ)
6
2.5
3.2
1.85
2.7
3.4
2.00
2.9
3.6
2.15
V
tA−REC_TIMER
Auto−recovery duration, common timer for all fault condition
(NCP1399AA, NCP1399BA, NCP1399AC, NCP1399AG,
NCP1399AH, NCP1399AJ, NCP1399AK)
0.8
1
1.2
s
Auto−recovery duration, common timer for all fault condition
(NCP1399AI)
1.6
1.9
2.4
Brown−Out Protection
VBO
Brown−out turn−off threshold
3
0.965
1.000
1.035
V
IBO
Brown−out hysteresis current, VVBULK/PFC_FB < VBO
3
4.3
5.0
5.4
mA
VBO_HYST
Brown
*Out comparator hysteresis
3
5
12
25
mV
IBO_BIAS
Brown
*Out input bias current
3
0.05
mA
tBO_FILTR
BO filter duration
3
10
20
30
ms
Ramp Compensation
RCGAIN
Ramp compensation gain (NCP1399AA, NCP1399BA,
NCP1399AC, NCP1399AF NCP1399AG, NCP1399AK)
Ramp compensation gain (NCP1399AI)
Ramp compensation gain (NCP1399AJ)
Ramp compensation gain (NCP1399AH)
58
82
92
107
82
110
125
149
108
131
150
168
mV/
ms
tRC_SHIFT
Ramp compensation time shift
0.6
ms
Temperature Shutdown Protection
TTSD
Temperature shutdown TJ going up (NCP1399AA,
NCP1399BA, NCP1399AH, NCP1399AK)
124
°C
Temperature shutdown TJ going up (NCP1399AC,
NCP1399AF, NCP1399AG, NCP1399AI, NCP1399AJ)
137
°C
TTSD_HYST
Temperature shutdown hysteresis
30
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. The NCP1399Ay version has skip adjustable externally.
3. Guaranteed by design.
4. Minimal impedance on P ON/OFF pin is 1 k
W
5. Minimal resistance connected in series with bootstrap diode is 3.3
W


Similar Part No. - NCP1399

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1399 ONSEMI-NCP1399 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
NCP1399 ONSEMI-NCP1399 Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP13992 ONSEMI-NCP13992 Datasheet
938Kb / 33P
   Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance
February, 2022 - Rev. 12
NCP13992AA ONSEMI-NCP13992AA Datasheet
938Kb / 33P
   Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance
February, 2022 - Rev. 12
More results

Similar Description - NCP1399

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP13992 ONSEMI-NCP13992 Datasheet
474Kb / 28P
   High Performance Current Mode Resonant Controller
January, 2018 ??Rev. 0
NCP1399AA ONSEMI-NCP1399AA Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399 ONSEMI-NCP1399_17 Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
   High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
NCP1399 ONSEMI-NCP1399_V01 Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP13992 ONSEMI-NCP13992_V01 Datasheet
938Kb / 33P
   Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance
February, 2022 - Rev. 12
logo
Texas Instruments
UCC25600 TI-UCC25600_1 Datasheet
565Kb / 23P
[Old version datasheet]   8-Pin High-Performance Resonant Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com