Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV52133A Datasheet(PDF) 6 Page - ON Semiconductor

Part # LV52133A
Description  Programmable DC-DC Converter dual-output, Single-Inductor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV52133A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LV52133A Datasheet HTML 2Page - ON Semiconductor LV52133A Datasheet HTML 3Page - ON Semiconductor LV52133A Datasheet HTML 4Page - ON Semiconductor LV52133A Datasheet HTML 5Page - ON Semiconductor LV52133A Datasheet HTML 6Page - ON Semiconductor LV52133A Datasheet HTML 7Page - ON Semiconductor LV52133A Datasheet HTML 8Page - ON Semiconductor LV52133A Datasheet HTML 9Page - ON Semiconductor LV52133A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LV52133A
www.onsemi.com
6
Package Dimensions
unit : mm
LV52133A0XA-VH/LV52133A5XA-VH is as follows.
WLCSP15, 2.15x1.55
CASE 567HY
ISSUE B
SEATING
PLANE
0.05 C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. COPLANARITY APPLIES TO SPHERICAL
CROWNS OF SOLDER BALLS.
4. BACKSIDE COATING IS OPTIONAL.
2X
DIM
A
MIN
MAX
−−−
MILLIMETERS
A1
D
2.15 BSC
E
b
0.21
0.31
e
0.40 BSC
0.65
E
D
A
B
PIN A1
REFERENCE
e
A
0.05
B
C
0.03 C
0.08 C
15X
b
C
B
A
0.10 C
A1
A
C
0.16
0.26
1.55 BSC
0.20
15X
DIMENSIONS: MILLIMETERS
SOLDERING FOOTPRINT*
0.40
0.40
0.05 C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 3
e
RECOMMENDED
PACKAGE
OUTLINE
123
PITCH
D
E
PITCH
A1
DETAIL A
NOTE 4
BACKSIDE
A3
COATING
DETAIL A
A3
0.025 REF
= Device Mark
XX = Assembly lot Code
MARKING DIAGRAM
Top view
Top view (2)
Top view (1)
Bottom view


Similar Part No. - LV52133A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
LV52130N0XA-VH ONSEMI-LV52130N0XA-VH Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
LV52130N4XA-VH ONSEMI-LV52130N4XA-VH Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
LV52134A ONSEMI-LV52134A Datasheet
845Kb / 15P
   Programmable DC-DC Converter
March 2017- Rev. P2
logo
Sanyo Semicon Device
LV5213LP SANYO-LV5213LP Datasheet
191Kb / 10P
   3ch LED Driver
More results

Similar Description - LV52133A

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VRK81B080CS CANDD-VRK81B080CS Datasheet
109Kb / 4P
   Programmable, 80A Single Output DC/DC Converter
logo
Murata Power Solutions ...
VRK81B100TH MURATA-PS-VRK81B100TH Datasheet
173Kb / 4P
   Programmable, 100A Single Output DC/DC Converter
logo
Murata Manufacturing Co...
MDC_VRK81B100CS MURATA-MDC_VRK81B100CS Datasheet
129Kb / 4P
   Programmable, 100A Single Output DC/DC Converter
logo
Murata Power Solutions ...
VRK81B080CU MURATA-PS-VRK81B080CU Datasheet
166Kb / 4P
   Programmable, 80A Single Output DC/DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com