Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE2416RDXATDG Datasheet(PDF) 7 Page - ON Semiconductor

Part # LE2416RDXATDG
Description  16 kb I2C CMOS Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE2416RDXATDG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LE2416RDXATDG Datasheet HTML 3Page - ON Semiconductor LE2416RDXATDG Datasheet HTML 4Page - ON Semiconductor LE2416RDXATDG Datasheet HTML 5Page - ON Semiconductor LE2416RDXATDG Datasheet HTML 6Page - ON Semiconductor LE2416RDXATDG Datasheet HTML 7Page - ON Semiconductor LE2416RDXATDG Datasheet HTML 8Page - ON Semiconductor LE2416RDXATDG Datasheet HTML 9Page - ON Semiconductor LE2416RDXATDG Datasheet HTML 10Page - ON Semiconductor LE2416RDXATDG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LE2416RDXA
www.onsemi.com
7
Bus timing
Write timing
Pin Function
SCL (Serial clock)
The SCL signal is used to control serial input data timing. The SCL is used to latch input data synchronously
at the rising edge and read output data synchronously at the falling edge.
SDA (Serial input / output data)
The SDA pin is bidirectional for serial data transfer. It is an open-drain structure that needs to be pulled up by
resistor.
WP (Write protect)
When the WP input is high, write protection is enabled. When WP input is either low or floating, write
protection is disabled. The read operation is always activated irrespective of the WP pin status.
VDD2 (Power supply for WP pin pull-up)
VDD2 pin is for the pull-up power supply to WP pin. Voltage impression of 0.5 V to VDD +0.5 V is permitted
like other pins about the pin voltage.
Write Data
Acknowledge
Stop
condition
Start
condition
tWC
SCL
SDA
D0
tSU.DAT
tBUF
tSU.STO
tR
SCL
SDA/IN
SDA/OUT
tSU.STA
tHD.DAT
tHIGH
tLOW
tDH
tAA
tF
tHD.STA
tSP
tSP


Similar Part No. - LE2416RDXATDG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
ON Semiconductor
LE2416RLBXA ONSEMI-LE2416RLBXA Datasheet
839Kb / 11P
   Two Wire Serial InterfaceEEPROM
July, 2013
More results

Similar Description - LE2416RDXATDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16 Datasheet
162Kb / 10P
   16-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 1
LE2416DXA ONSEMI-LE2416DXA Datasheet
295Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16_05 Datasheet
595Kb / 11P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com