Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN2226 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN2226
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2226 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN2226 Datasheet HTML 1Page - Toshiba Semiconductor RN2226 Datasheet HTML 2Page - Toshiba Semiconductor RN2226 Datasheet HTML 3Page - Toshiba Semiconductor RN2226 Datasheet HTML 4Page - Toshiba Semiconductor RN2226 Datasheet HTML 5Page - Toshiba Semiconductor RN2226 Datasheet HTML 6Page - Toshiba Semiconductor RN2226 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RN2221~RN2227
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VCB = −50V, IE = 0
−100
Collector cut-off current
RN2221~2227
VCE = −50V, IB = 0
−500
nA
RN2221
−3.85
−7.14
RN2222
−1.75
−3.25
RN2223
−0.82
−1.52
RN2224
VEB = −10V, IE = 0
−0.38
−0.71
RN2225
−0.365
−0.682
RN2226
VEB = −5V, IC = 0
−0.35
−0.65
Emitter cut-off current
RN2227
IEBO
VEB = −6V, IC = 0
−0.378
−0.703
mA
RN2221
60
RN2222
65
RN2223
70
RN2224
90
RN2225
90
RN2226
90
DC current gain
RN2227
hFE
VCE = −1V,
IC = −100mA
90
RN2221
IC = −50mA, IB = −2mA
Collector-emitter
saturation voltage
RN2222~2227
VCE (sat)
IC = −50mA, IB = −1mA
−0.25
V
RN2221
−1.0
−3.5
RN2222
−1.4
−4.5
RN2223
−2.0
−6.5
RN2224
−3.0
−12.0
RN2225
−0.6
−2.0
RN2226
−0.7
−2.5
Input voltage (ON)
RN2227
VI (ON)
VCE = −0.2V
IC = −100mA
−1.0
−3.0
V
RN2221~2224
−0.8
−1.3
RN2225, 2226
−0.4
−0.8
Input voltage (OFF)
RN2227
VI (OFF)
VCE = −5V,
IC = −0.1mA
−0.5
−1.0
V
Translation frequency
RN2221~2227
fT
VCE = −5V, IC = −20mA
200
MHz
Collector output
capacitance
RN2221~2227
Cob
VCB = −10V, IE = 0
f = 1MHz
13
pF
RN2221
0.7
1.0
1.3
RN2222
1.54
2.2
2.86
RN2223
3.29
4.7
6.11
RN2224
7
10
13
RN2225
0.329
0.47
0.61
RN2226
0.7
1.0
1.3
Input resistor
RN2227
R1
1.54
2.2
2.86
kΩ
RN2221~2224
0.9
1.0
1.1
RN2225
0.0423
0.047 0.0517
RN2226
0.09
0.1
0.11
Resistor ratio
RN2227
R1/R2
0.2
0.22
0.24


Similar Part No. - RN2226

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN222 ETC2-RN222 Datasheet
691Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RN222-0.5-02-56M SCHAFFNER-RN222-0.5-02-56M Datasheet
1Mb / 9P
   Current-compensated Chokes
RN222-0.6-02-47M SCHAFFNER-RN222-0.6-02-47M Datasheet
1Mb / 9P
   Current-compensated Chokes
RN222-0.8-02-39M SCHAFFNER-RN222-0.8-02-39M Datasheet
1Mb / 9P
   Current-compensated Chokes
RN222-1-02-18M SCHAFFNER-RN222-1-02-18M Datasheet
1Mb / 9P
   Current-compensated Chokes
More results

Similar Description - RN2226

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com