Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2A1 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # L2A1
Description  Surface Mount Glass Passivated Standard Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L2A1 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  L2A1 Datasheet HTML 1Page - GOOD-ARK Electronics L2A1 Datasheet HTML 2Page - GOOD-ARK Electronics L2A1 Datasheet HTML 3Page - GOOD-ARK Electronics L2A1 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L2A1 thru L2A7/L21A thru L27A
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 50~1000V Forward Current 2A
www.goodark.com
2/4
2014.02-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive 
Peak Forward Surge Current
Figure 4. Typical Reverse Characteristics 
Figure 3. Typical Instantaneous Forward Characteristics 
Figure 5. Typical Junction Capacitance
www.goodark.com
2/4
2014.02-Rev.A


Similar Part No. - L2A1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2A1 GOOD-ARK-L2A1 Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
L2A1 GOOD-ARK-L2A1_15 Datasheet
233Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 50~1000V Forward Current 2A
More results

Similar Description - L2A1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
   Standard Surface Mount Glass Passivated Rectifier
Revision: 14-Jan-11
logo
GOOD-ARK Electronics
F1DS GOOD-ARK-F1DS Datasheet
201Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
F1510A GOOD-ARK-F1510A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
P1A GOOD-ARK-P1A Datasheet
384Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
GN1P20 GOOD-ARK-GN1P20 Datasheet
159Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
GN2P20 GOOD-ARK-GN2P20 Datasheet
393Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
logo
SeCoS Halbleitertechnol...
QG120A-C SECOS-QG120A-C Datasheet
377Kb / 2P
   Surface Mount Glass Passivated Standard Rectifier
logo
First Silicon Co., Ltd
G1A FS-G1A Datasheet
556Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
logo
GOOD-ARK Electronics
L2A1 GOOD-ARK-L2A1 Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com