Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2U1 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # L2U1
Description  Surface Mount Glass Passivated superfast recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L2U1 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  L2U1 Datasheet HTML 1Page - GOOD-ARK Electronics L2U1 Datasheet HTML 2Page - GOOD-ARK Electronics L2U1 Datasheet HTML 3Page - GOOD-ARK Electronics L2U1 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L2U1 thru L2U5
Surface Mount Glass Passivated superfast recovery Rectifier
Reverse Voltage 50~600V Forward Current 2A
www.goodark.com
3/4
2014.06-Rev.A
Package Outline Dimensions
DIM
MIN
MAX
MIN
MAX
Unit: mm
Unit: inch
A
0.92
1.08
0.036
0.043
A1
0
0.1
0.000
0.004
B
1.25
1.45
0.049
0.057
C
0.1
0.25
0.004
0.010
D
2.6
2.8
0.102
0.110
E
4.1
4.3
0.161
0.169
L
07
11
0 028
0 043
Soldering  footprint
L
0.7
1.1
0.028
0.043
HE
4.8
5.2
0.189
0.205
Packing Information
Packing quantities:
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
21K
84K
Tape & Reel Specification
13"
10K
20K
180K
www.goodark.com
3/4
2014.06-Rev.A


Similar Part No. - L2U1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L2URFSDBK9Q53-TR1 LIGITEK-L2URFSDBK9Q53-TR1 Datasheet
396Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - L2U1

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L3U1 GOOD-ARK-L3U1 Datasheet
201Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0303U GOOD-ARK-SGC0303U Datasheet
195Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0403U GOOD-ARK-SGC0403U Datasheet
200Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0503U GOOD-ARK-SGC0503U Datasheet
196Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
FU1 GOOD-ARK-FU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
ES5A GOOD-ARK-ES5A Datasheet
319Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
ES2A GOOD-ARK-ES2A Datasheet
365Kb / 5P
   Surface Mount Glass Passivated Superfast Rectifier
FU6 GOOD-ARK-FU6 Datasheet
363Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
PU1 GOOD-ARK-PU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
logo
DIYI Electronic Technol...
ES1AN DYELEC-ES1AN Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com