Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2F3-SL Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # L2F3-SL
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L2F3-SL Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  L2F3-SL Datasheet HTML 1Page - GOOD-ARK Electronics L2F3-SL Datasheet HTML 2Page - GOOD-ARK Electronics L2F3-SL Datasheet HTML 3Page - GOOD-ARK Electronics L2F3-SL Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L2F1-SL thru L2F7-SL
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 2A
www.goodark.com
1/4
2013.12-Rev.A
Features
• Glass passivated fast recovery rectifiers
• Ideal for automated placement
• Low forward voltage drop
Ll
k
t
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
eSGB (SMAF)
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies, and other consumer applications.
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
L2F1-
SL
L2F2-
SL
L2F3-
SL
L2F4-
SL
L2F5-
SL
L2F6-
SL
L2F7-
SL
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
20
IF(AV)
A
IFSM
A
TJ, TSTG
°C
Maximum average forward rectified current
2.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
60
Operating junction and storage temperature
range
- 55 to + 150
Maximum instantaneous
forward voltage
IF=2 A,TA=25℃
VF
V
TA=25
Unit
Electrical Characteristics (T
A
= 25 °C unless otherwise noted)
Parameter
Test Conditions Symbol
L2F1-
SL
L2F2-
SL
L2F3-
SL
L2F4-
SL
L2F5-
SL
L2F6-
SL
L2F7-
SL
1.3
Maximum DC reverse current
IR
5
µA
TA=125
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
1)
juntion to mount
RθJM
℃/W
Note:1),The thermal resistance from junction to mount,mounted on P.C.B with 8×8mm copper pads,2 OZ,FR4 PCB
nS
at rated DC blocking voltage
IR
µA
50
Maximum reverse recovery
time
trr
150
250
500
11
12
www.goodark.com
1/4
2013.12-Rev.A


Similar Part No. - L2F3-SL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2F3 GOOD-ARK-L2F3 Datasheet
200Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results

Similar Description - L2F3-SL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF1 GOOD-ARK-PF1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com