Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FF5 Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # FF5
Description  Surface Mount Glass Passivated Fast Recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FF5 Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  FF5 Datasheet HTML 1Page - GOOD-ARK Electronics FF5 Datasheet HTML 2Page - GOOD-ARK Electronics FF5 Datasheet HTML 3Page - GOOD-ARK Electronics FF5 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FF1 thru FF7
Surface Mount Glass Passivated Fast Recovery Rectifier
Reverse Voltage 50~1000V Forward Current 1A
www.goodark.com
4/4
2014.02-Rev.A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou Good-Ark
product best suited to the customer’s application; they do not convey any license under any intellectual property
rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of any third-
party ’ s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit
application examples contained in these materials.
All information contained in these materials, including product data, diagrams, charts, programs and algorithms
represents information on products at the time of publication of these materials, and are subject to change by
Suzhou Good-Ark Electronics Co., Ltd. without notice due to product improvements or other reasons. It is
Suzhou Good-Ark Electronics Co., Ltd. without notice due to product improvements or other reasons. It is
therefore recommended that customers contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized
Suzhou Good-Ark Electronics Co., Ltd. for the latest product information before purchasing a product listed
herein. The information described here may contain technical inaccuracies or typographical errors. Suzhou
Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability, or other loss rising from
these inaccuracies or errors. Please also pay attention to information published by Suzhou Good-Ark
Electronics Co., Ltd. by various means, including our website home page.
(http://www.goodark.com)
(p
g
)
When using any or all of the information contained in these materials, including product data, diagrams, charts,
programs, and algorithms, Please be sure to evaluate all information as a total system before making a final
decision on the applicability of the information and products. Suzhou Good-Ark Electronics Co., Ltd. assumes
no responsibility for any damage, liability or other loss resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or reproduce in
h l
i
t th
t i l
whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on these
materials or the products contained herein.
www.goodark.com
4/4
2014.02-Rev.A


Similar Part No. - FF5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FF500 COOPER-FF500 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
FF500 COOPER-FF500 Datasheet
155Kb / 3P
   FF BS88 Centre bolted tags
logo
Infineon Technologies A...
FF500R17KE4 INFINEON-FF500R17KE4 Datasheet
608Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 3 Diode
2016-08-09 revision:V2.0
FF500R17KE4P INFINEON-FF500R17KE4P Datasheet
599Kb / 9P
   62mm C-Serien Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled 3 Diode und bereits aufgetragenem Thermal Interface Material
2016-09-02 revision:V2.0
logo
Amphenol Communications...
FF5026-A0102-012 AMPHENOLCS-FF5026-A0102-012 Datasheet
166Kb / 1P
   FFC Cable P1.0mm L***mm ***pin
Rev. A
More results

Similar Description - FF5

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
PF1 GOOD-ARK-PF1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
LF1 GOOD-ARK-LF1 Datasheet
180Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com