Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPA0965 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RMPA0965
Description  CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA0965 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RMPA0965 Datasheet HTML 1Page - Fairchild Semiconductor RMPA0965 Datasheet HTML 2Page - Fairchild Semiconductor RMPA0965 Datasheet HTML 3Page - Fairchild Semiconductor RMPA0965 Datasheet HTML 4Page - Fairchild Semiconductor RMPA0965 Datasheet HTML 5Page - Fairchild Semiconductor RMPA0965 Datasheet HTML 6Page - Fairchild Semiconductor RMPA0965 Datasheet HTML 7Page - Fairchild Semiconductor RMPA0965 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
March 2006
RMPA0965 Rev. J
RMPA0965
Cellular CDMA, CDMA2000-1X and WCDMA
PowerEdge™ Power Amplifier Module
Features
Single positive-supply operation with low power and
shutdown modes
40% CDMA/WCDMA efficiency at +28 dBm average
output power
52% AMPS mode efficiency at +31 dBm output power
Lead-free RoHS compliant 3 x 3 x 1mm leadless
package
Internally matched to 50 Ohms and DC blocked
RF input/output
Meets CDMA2000-1XRTT/WCDMA performance
requirements
Meets HSDPA performance requirements
General Description
The RMPA0965 power amplifier module (PAM) is
designed for cellular band AMPS, CDMA, CDMA2000-1X,
WCDMA and HSDPA applications. The 2 stage PAM is
internally matched to 50 Ohms to minimize the use of
external components and features a low-power mode to
reduce standby current and DC power consumption dur-
ing peak phone usage. High power-added efficiency and
excellent linearity are achieved using our InGaP Hetero-
junction Bipolar Transistor (HBT) process.
Device
Functional Block Diagram
Vcc2
RF OUT
GND
GND
Vref
RF IN
Vcc1
(paddle ground on package bottom)
(Top View)
1
2
3
4
DC BIAS CONTROL
INPUT
MATCH
OUTPUT
MATCH
MMIC
Vmode
8
7
6
5


Similar Part No. - RMPA0965

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA0963 FAIRCHILD-RMPA0963 Datasheet
128Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
189Kb / 7P
   WCDMA Band V Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966_07 Datasheet
189Kb / 7P
   WCDMA Band V Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967 Datasheet
142Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
More results

Similar Description - RMPA0965

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA0959 FAIRCHILD-RMPA0959 Datasheet
519Kb / 13P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA1959 FAIRCHILD-RMPA1959 Datasheet
562Kb / 11P
   PCS 3.4V CDMA & CDMA2000-1X PowerEdge Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965 Datasheet
111Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965_06 Datasheet
507Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge TM Power Amplifier Module
RMPA0963 FAIRCHILD-RMPA0963 Datasheet
128Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA1963 FAIRCHILD-RMPA1963 Datasheet
102Kb / 7P
   US-PCS CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967 Datasheet
142Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765 Datasheet
534Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1967 FAIRCHILD-RMPA1967 Datasheet
124Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WDCMA Power Edge Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com