Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG101 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # REG101
Description  DMOS 100mA Low-Dropout Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG101 Datasheet(HTML) 2 Page - Texas Instruments

  REG101 Datasheet HTML 1Page - Texas Instruments REG101 Datasheet HTML 2Page - Texas Instruments REG101 Datasheet HTML 3Page - Texas Instruments REG101 Datasheet HTML 4Page - Texas Instruments REG101 Datasheet HTML 5Page - Texas Instruments REG101 Datasheet HTML 6Page - Texas Instruments REG101 Datasheet HTML 7Page - Texas Instruments REG101 Datasheet HTML 8Page - Texas Instruments REG101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
REG101
2
SBVS026C
ABSOLUTE MAXIMUM RATINGS(1)
Supply Input Voltage, VIN ...................................................... –0.3V to 12V
Enable Input ............................................................................ –0.3V to VIN
Output Short-Circuit Duration ...................................................... Indefinite
Operating Temperature Range (TJ) ................................ –55°C to +125°C
Storage Temperature Range (TA) ................................... –65°C to +150°C
Lead Temperature (soldering, 3s, SOT23-5, and SO-8) ..................... +240
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
5V Output
REG101NA-5
SOT23-5
331
R01B
REG101NA-5/250
Tape and Reel
"
"""
REG101NA-5/3K
Tape and Reel
REG101UA-5
SO-8
182
REG101U50
REG101UA-5
Rails
"
"""
REG101UA-5/2K5
Tape and Reel
3.3V Output
REG101NA-3.3
SOT23-5
331
R01C
REG101NA-3.3/250
Tape and Reel
"
"""
REG101NA-3.3/3K
Tape and Reel
REG101UA-3.3
SO-8
182
REG101U33
REG101UA-3.3
Rails
"
"""
REG101UA-3.3/2K5
Tape and Reel
3V Output
REG101NA-3
SOT23-5
331
R01D
REG101NA-3/250
Tape and Reel
"
"""
REG101NA-3/3K
Tape and Reel
REG101UA-3
SO-8
182
REG101U30
REG101UA-3
Rails
"
"""
REG101UA-3/2K5
Tape and Reel
2.85V Output
REG101NA-2.85
SOT23-5
331
R01N
REG101NA-2.85/250
Tape and Reel
"
"""
REG101NA-2.85/3K
Tape and Reel
REG101UA-2.85
SO-8
182
REG101285
REG101UA-2.85
Rails
"
"""
REG101UA-2.85/2K5
Tape and Reel
2.8V Output
REG101NA-2.8
SOT23-5
331
R01E
REG101NA-2.8/250
Tape and Reel
"
"""
REG101NA-2.8/3K
Tape and Reel
REG101UA-2.8
SO-8
182
REG101U28
REG101UA-2.8
Rails
"
"""
REG101UA-2.8/2K5
Tape and Reel
2.5V Output
REG101NA-2.5
SOT23-5
331
R01G
REG101NA-2.5/250
Tape and Reel
"
"""
REG101NA-2.5/3K
Tape and Reel
REG101UA-2.5
SO-8
182
REG101U25
REG101UA-2.5
Rails
"
"""
REG101UA-2.5/2K5
Tape and Reel
Adjustable Output
REG101NA-A
SOT23-5
331
R01A
REG101NA-A/250
Tape and Reel
"
"""
REG101NA-A/3K
Tape and Reel
REG101UA-A
SO-8
182
REG101UA
REG101UA-A
Rails
"
"""
REG101UA-A/2K5
Tape and Reel
PACKAGE/ORDERING INFORMATION
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “REG101UA-5/2K5” will get a single 2500-piece Tape and Reel.
Many custom output voltage versions, from 2.5V to 5.1V in 50mV increments, are available upon request. Minimum order
quantities apply. Contact factory for details.
PACKAGE
DRAWING
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
MARKING
NUMBER(1)
MEDIA


Similar Part No. - REG101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101 TI-REG101 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
REG101-A TI-REG101-A Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101NA-2.5/250 TI-REG101NA-2.5/250 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101NA-2.5/250 TI1-REG101NA-2.5/250 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
More results

Similar Description - REG101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101 TI-REG101_05 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
   Dual, 100mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com