Electronic Components Datasheet Search |
|
EKMS501VSN471MA60S Datasheet(PDF) 1 Page - United Chemi-Con, Inc. |
|
EKMS501VSN471MA60S Datasheet(HTML) 1 Page - United Chemi-Con, Inc. |
1 / 3 page Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. Downsized snap-ins, 105 ℃ KMS Series ・For solar power generation ・Endurance with ripple current : 105℃ 3,000 hours ・Rated voltage range : 160 to 500V ・Capacitance range : 47 to 3,300μF ・Non solvent resistant type ・RoHS Compliant ◆SPECIFICATIONS (at 120Hz) Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tan δ) Low Temperature Characteristics (Max. Impedance Ratio) Endurance Shelf Life Items ripple current is applied (the peak voltage shall not exceed the rated voltage) for 3,000 hours at 105 ℃. Capacitance change D.F. (tan δ) Leakage current voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4. Capacitance change Leakage current Characteristics 160 to 400V 0.15 160 to 400V 4 420 to 500V 0.20 420 to 500V 8 -25 to +105 ℃ 160 to 500Vdc ±20% (M) I ≦3 CV Where, I : Max. leakage current ( µA), C : Nominal capacitance (µF), V : Rated voltage (V) Rated voltage (Vdc) tan δ(Max.) Rated voltage (Vdc) Z(-25 ℃)/Z(+20℃) (at 20 ℃, 120Hz) (at 20 ℃, 120Hz) (at 20 ℃ after 5 minutes) The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after subjected to DC voltage with the rated ≦±20% of the initial value ≦200% of the initial specified value ≦The initial specified value ≦±15% of the initial value ≦150% of the initial specified value ≦The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after exposing them for 1,000 hours at 105℃without D.F. (tan δ) ◆DIMENSIONS [mm] Vent Sleeve (PET : Brown) Negative mark PC board pin-out Sleeve (PET : Brown) Vent Negative mark PC board pin-out The standard design has no plastic disc. ● Terminal Code : VS ( φ22 to φ35) : Standard L ±2.5 4.0 ±0.5 2- φ2 L ±2.5 4.5 ±1 ● Terminal Code : LI ( φ35) 5 ±0.5 14.2 ±1 2-1.2 ×6 ◆PART NUMBERING SYSTEM Supplement code Size code Capacitance tolerance code Dummy terminal code Terminal code (VS, LI) Voltage code (ex. 160V:161, 400V:401) Series code Category E K M S A A A V S N A A A A A A S M 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 Please refer to "Product code guide (snap-in type)" Capacitance code (ex. 100 µF:101, 1,000µF:102) Downsized Higher ripple Longer life KMS KMM P228 LXS P246 225 CAT. No. E1001N LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS |
Similar Part No. - EKMS501VSN471MA60S |
|
Similar Description - EKMS501VSN471MA60S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |