Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMS181VSN152MQ50S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKMS181VSN152MQ50S
Description  Downsized snap-ins, 105?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMS181VSN152MQ50S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKMS181VSN152MQ50S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMS181VSN152MQ50S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMS181VSN152MQ50S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Downsized snap-ins, 105
KMS
Series
・For solar power generation
・Endurance with ripple current : 105℃ 3,000 hours
・Rated voltage range : 160 to 500V
・Capacitance range : 47 to 3,300μF
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 3,000 hours at 105
℃.
Capacitance change
D.F. (tan
δ)
Leakage current
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
Leakage current
Characteristics
160 to 400V
0.15
160 to 400V
4
420 to 500V
0.20
420 to 500V
8
-25 to +105
160 to 500Vdc
±20% (M)
I
≦3 CV
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
δ(Max.)
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
(at 20
℃, 120Hz)
(at 20
℃, 120Hz)
(at 20
℃ after 5 minutes)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
≦±15% of the initial value
≦150% of the initial specified value
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃without
D.F. (tan
δ)
◆DIMENSIONS [mm]
Vent
Sleeve (PET : Brown)
Negative mark
PC board pin-out
Sleeve (PET : Brown)
Vent
Negative mark
PC board pin-out
The standard design has no plastic disc.
Terminal Code : VS (
φ22 to φ35) : Standard
L
±2.5
4.0
±0.5
2-
φ2
L
±2.5
4.5
±1
Terminal Code : LI (
φ35)
5
±0.5
14.2
±1
2-1.2
×6
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Dummy terminal code
Terminal code (VS, LI)
Voltage code (ex. 160V:161, 400V:401)
Series code
Category
E K M S A A A V S N A A A
A A A S
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (snap-in type)"
Capacitance code (ex. 100
µF:101, 1,000µF:102)
Downsized
Higher ripple
Longer life
KMS
KMM P228
LXS P246
225
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMS181VSN152MQ50S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKMS181VSN152MQ50S ETC2-EKMS181VSN152MQ50S Datasheet
274Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMS181VSN152MQ50S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMQ161VSN CHEMI-CON-EKMQ161VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105
EKMS401 CHEMI-CON-EKMS401 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMS3B1 CHEMI-CON-EKMS3B1 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMR181 CHEMI-CON-EKMR181 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMQ421VSN CHEMI-CON-EKMQ421VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105?
EKMQ350VSN CHEMI-CON-EKMQ350VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105..
EKMR161 CHEMI-CON-EKMR161 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR401 CHEMI-CON-EKMR401 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR351 CHEMI-CON-EKMR351 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMS201 CHEMI-CON-EKMS201 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com