Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1802DBR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DBR
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1802DBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1802DBR Datasheet HTML 2Page - Texas Instruments PCM1802DBR Datasheet HTML 3Page - Texas Instruments PCM1802DBR Datasheet HTML 4Page - Texas Instruments PCM1802DBR Datasheet HTML 5Page - Texas Instruments PCM1802DBR Datasheet HTML 6Page - Texas Instruments PCM1802DBR Datasheet HTML 7Page - Texas Instruments PCM1802DBR Datasheet HTML 8Page - Texas Instruments PCM1802DBR Datasheet HTML 9Page - Texas Instruments PCM1802DBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PCM1802
SLES023B – DECEMBER 2001 – REVISED MARCH 2002
6
www.ti.com
TYPICAL PERFORMANCE CURVES OF INTERNAL FILTER
digital filter—decimation filter frequency response
Figure 1. Overall Characteristics
Frequency [
× fS]
–200
–150
–100
–50
0
50
0
8
16
24
32
40
48
56
64
Oversampling Ratio = x128
AMPLITUDE
vs
FREQUENCY
Figure 2. Overall Characteristics
Frequency [
× fS]
–200
–150
–100
–50
0
50
0
8
16
24
32
AMPLITUDE
vs
FREQUENCY
Oversampling Ratio = x64
Figure 3. Stopband Attenuation Characteristics
Frequency [
× fS]
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.00
0.25
0.50
0.75
1.00
AMPLITUDE
vs
FREQUENCY
Oversampling
Ratio = x128 and x64
Figure 4. Passband Ripple Characteristics
Frequency [
× fS]
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.0
0.1
0.2
0.3
0.4
0.5
0.6
AMPLITUDE
vs
FREQUENCY
Oversampling
Ratio = x128 and x64
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 44.1 kHz, system clock = 384 fS, oversampling ratio = ×128,
24-bit data, unless otherwise noted.


Similar Part No. - PCM1802DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802DBR TI1-PCM1802DBR Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results

Similar Description - PCM1802DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
   Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
[Old version datasheet]   PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com