Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1632DGN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1632DGN
Description  High-Perfomance, Fully-Differential AUDIO OP AMP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1632DGN Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA1632DGN Datasheet HTML 4Page - Texas Instruments OPA1632DGN Datasheet HTML 5Page - Texas Instruments OPA1632DGN Datasheet HTML 6Page - Texas Instruments OPA1632DGN Datasheet HTML 7Page - Texas Instruments OPA1632DGN Datasheet HTML 8Page - Texas Instruments OPA1632DGN Datasheet HTML 9Page - Texas Instruments OPA1632DGN Datasheet HTML 10Page - Texas Instruments OPA1632DGN Datasheet HTML 11Page - Texas Instruments OPA1632DGN Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
OPA1632
SBOS286 − DECEMBER 2003
www.ti.com
8
The PowerPAD package allows for both assembly and
thermal management in one manufacturing operation.
During the surface-mount solder operation (when the
leads are being soldered), the thermal pad can also be
soldered to a copper area underneath the package.
Through the use of thermal paths within this copper
area, heat can be conducted away from the package
into either a ground plane or other heat-dissipating
device.
PowerPAD PCB LAYOUT CONSIDERATIONS
1.
Prepare the printed circuit board (PCB) with a
top-side etch pattern, as shown in Figure 4. There
should be etch for the leads as well as etch for the
thermal pad.
68mils x 70mils
(via diameter = 13mils)
Single or Dual
Figure 4. PowerPAD PCB Etch and Via Pattern.
2.
Place five holes in the area of the thermal pad.
These holes should be 13mils in diameter. Keep
them small so that solder wicking through the holes
is not a problem during reflow.
3.
Additional vias may be placed anywhere along the
thermal plane outside of the thermal pad area.
These vias help dissipate the heat generated by the
OPA1632 IC, and may be larger than the 13mil
diameter vias directly under the thermal pad. They
can be larger because they are not in the thermal
pad area to be soldered so that wicking is not a
problem.
4.
Connect all holes to the internal ground plane.
5.
When connecting these holes to the ground plane,
do not use the typical web or spoke via connection
methodology. Web connections have a high
thermal resistance connection that is useful for
slowing
the
heat
transfer
during
soldering
operations. This makes the soldering of vias that
have plane connections easier. In this application,
however, low thermal resistance is desired for the
most efficient heat transfer. Therefore, the holes
under the OPA1632 PowerPAD package should
make their connection to the internal ground plane
with a complete connection around the entire
circumference of the plated-through hole.
6.
The top-side solder mask should leave the terminals
of the package and the thermal pad area with its five
holes exposed. The bottom-side solder mask should
cover the five holes of the thermal pad area. This
prevents solder from being pulled away from the
thermal pad area during the reflow process.
7.
Apply solder paste to the exposed thermal-pad
area and all of the IC terminals.
8.
With these preparatory steps in place, the IC is
simply placed in position and runs through the
solder
reflow
operation
as
any
standard
surface-mount component. This results in a part
that is properly installed.


Similar Part No. - OPA1632DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632DGN TI-OPA1632DGN Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA1632DGN BURR-BROWN-OPA1632DGN Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632DGN TI1-OPA1632DGN Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
OPA1632DGN TI1-OPA1632DGN Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
OPA1632DGNG4 TI-OPA1632DGNG4 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
More results

Similar Description - OPA1632DGN

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA1632 BURR-BROWN-OPA1632 Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632 TI-OPA1632_07 Datasheet
535Kb / 15P
[Old version datasheet]   High-Performance, Fully-Differential AUDIO OP AMP
logo
Maxim Integrated Produc...
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
   Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com