Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR215 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CR215
Description  3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR215 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90CR215 Datasheet HTML 1Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 2Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 3Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 4Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 5Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR215 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS90CR215/DS90CR216
+3.3V Rising Edge Data Strobe LVDS 21-Bit Channel
Link - 66 MHz
General Description
The DS90CR215 transmitter converts 21 bits of CMOS/TTL
data into three LVDS (Low Voltage Differential Signaling)
data streams. A phase-locked transmit clock is transmitted in
parallel with the data streams over a fourth LVDS link. Every
cycle of the transmit clock 21 bits of input data are sampled
and transmitted. The DS90CR216 receiver converts the
LVDS data streams back into 21 bits of CMOS/TTL data. At
a transmit clock frequency of 66 MHz, 21 bits of TTL data are
transmitted at a rate of 462 Mbps per LVDS data channel.
Using a 66 MHz clock, the data throughput is 1.386 Gbit/s
(173 Mbytes/s).
The multiplexing of the data lines provides a substantial
cable reduction. Long distance parallel single-ended buses
typically require a ground wire per active signal (and have
very limited noise rejection capability). Thus, for a 21-bit wide
data and one clock, up to 44 conductors are required. With
the Channel Link chipset as few as 9 conductors (3 data
pairs, 1 clock pair and a minimum of one ground) are
needed. This provides a 80% reduction in required cable
width, which provides a system cost savings, reduces con-
nector physical size and cost, and reduces shielding require-
ments due to the cables’ smaller form factor.
The 21 CMOS/TTL inputs can support a variety of signal
combinations. For example, five 4-bit nibbles plus 1 control,
or two 9-bit (byte + parity) and 3 control.
Features
n
Single +3.3V supply
n
Chipset (Tx + Rx) power consumption <250 mW (typ)
n
Power-down mode (<0.5 mW total)
n
Up to 173 Megabytes/sec bandwidth
n
Up to 1.386 Gbps data throughput
n
Narrow bus reduces cable size
n
290 mV swing LVDS devices for low EMI
n
+1V common mode range (around +1.2V)
n
PLL requires no external components
n
Low profile 48-lead TSSOP package
n
Rising edge data strobe
n
Compatible with TIA/EIA-644 LVDS standard
n
ESD Rating > 7kV
n
Operating Temperature: −40˚C to +85˚C
Block Diagrams
DS90CR215
01290901
Order Number DS90CR215MTD
See NS Package Number MTD48
DS90CR216
01290927
Order Number DS90CR216MTD
See NS Package Number MTD48
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
August 2005
© 2005 National Semiconductor Corporation
DS012909
www.national.com


Similar Part No. - DS90CR215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR215 TI1-DS90CR215 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215MTD TI1-DS90CR215MTD Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215MTD TI1-DS90CR215MTD Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215MTD/NOPB TI1-DS90CR215MTD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR215MTD/NOPB TI1-DS90CR215MTD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
More results

Similar Description - DS90CR215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
logo
National Semiconductor ...
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR216MTDX TI1-DS90CR216MTDX Datasheet
1Mb / 23P
[Old version datasheet]   DS90CR215/DS90CR216 3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
logo
National Semiconductor ...
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com