Electronic Components Datasheet Search |
|
ECHA451VSN421MA50S Datasheet(PDF) 1 Page - United Chemi-Con, Inc. |
|
ECHA451VSN421MA50S Datasheet(HTML) 1 Page - United Chemi-Con, Inc. |
1 / 2 page Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. Overvoltage resistant design, 105 ℃ CHA Series ・Doesn't spark with DC over voltage ・Downsized from current KLG series ・Endurance with ripple current : 2,000 hours at 105℃ ・Non solvent resistant type ・RoHS Compliant ◆SPECIFICATIONS (at 20 ℃, 120Hz) (at 20 ℃ after 5 minutes) (at 20 ℃, 120Hz) (at 120Hz) (at 20 ℃, 1MHz) Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tan δ) Low Temperature Characteristics (Max.Impedance Ratio) ESL Endurance Shelf Life Items -25 to +105 ℃ 200 to 450Vdc ±20% (M) I ≦3 CV Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (Vdc) 200Vdc : 0.15 max. (0.20 max. for φD=35mm) 400Vdc : 0.15 max. Rated Voltage (Vdc) Z(-25 ℃) / Z(+20℃) 50nH max. The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after subjected to DC voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for 2,000 hours at 105 ℃. Capacitance change ≦±20% of the initial value D.F. (tan δ) ≦200% of the initial specified value Leakage current ≦The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after exposing them for 1,000 hours at 105℃ without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4. Capacitance change ≦±15% of the initial value D.F. (tan δ) ≦150% of the initial specified value Leakage current ≦The initial specified value Characteristics 200 to 450V 4 ◆DIMENSIONS [mm] ● Terminal Code : VS ( φ22 toφ35) 4.0 ±0.5 Vent Sleeve (PET : Brown) L ±2 Negative mark PC board pin-out 2- φ2 The standard design has no plastic disc. ◆PART NUMBERING SYSTEM Supplement code Size code Capacitance tolerance code Capacitance code (ex. 56µF:560,100µF:101) Dummy terminal code Terminal code Voltage code (ex. 200V:201,400V:401) Series code Category E C H A V S N S M 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 Please refer to "Product code guide (snap-in type)" ◆RATED RIPPLE CURRENT MULTIPLIERS Frequency(Hz) Rated Voltage(Vdc) 50 120 300 1k 10k 50k 200, 250 0.81 1.00 1.17 1.32 1.45 1.50 400, 450 0.77 1.00 1.16 1.30 1.41 1.43 ・Frequency Multipliers The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5 ℃ rise. When long life performance is required in actual use, the rms ripple current has to be reduced. Downsized Downsized Longer life CHA KLG LXH P257 255 CAT. No. E1001N LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS |
Similar Part No. - ECHA451VSN421MA50S |
|
Similar Description - ECHA451VSN421MA50S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |