Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGPD500E Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EGPD500E
Description  Long life, High ripple, 135?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EGPD500E Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EGPD500E Datasheet HTML 1Page - United Chemi-Con, Inc. EGPD500E Datasheet HTML 2Page - United Chemi-Con, Inc. EGPD500E Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long life, High ripple, 135
GPD
Series
・Guaranteed short time at 150℃
・Downsized and high-ripple current version of GPA series
・For automobile modules and other high temperature applications
・Endurance with ripple current : 2,000 to 3,000 hours at 125℃ to 135℃
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
Items
Characteristics
(at 20
℃, 120Hz)
(at 20
℃, 1 minute)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance 1
Endurance 2
Shelf Life
-40 to +135
25 to 100Vdc
±20% (M)
I=0.03CV or 4
µA, whichever is greater.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
When nominal capacitance exceeds 1,000
µF, add 0.02 to the value above for each 1,000µF increase.
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated ripple
current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 125
℃ or 135℃.
Time
125
 3,000hours
135
 25 to 50Vdc:3,000hours
63 to 100Vdc
:2,000hours
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the test condition that the rated voltage is
applied for 100 hours at 150
℃ and DC voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated
voltage) for the specified period of time at 125
℃ or 135℃.
Time
125
 2,500hours
135
 25 to 50Vdc:2,500hours
63 to 100Vdc
:1,500hours
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
Leakage current
≦300% of the initial specified value
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 125℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
Rated voltage (Vdc)
tan
δ(Max.)
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
2
4
2
4
2
4
2
4
2
4
2
4
25V
35V
50V
63V
80V
100V
25V
35V
50V
63V
80V
100V
0.14
0.12
0.10
0.10
0.08
0.08
◆DIMENSIONS [mm]
L'
Vent
Coated Case
15min.
4min.
φD
φd
F
φD'
L'
12.5
  14.5  16   18
0.6
  0.8   0.8
0.8
5.0
7.5
7.5
7.5
φD+0.5max.
L+1.5max.
Gas escape end seal
Terminal Code : E
◆PART NUMBERING SYSTEM
Please refer to "Product code guide (radial lead type)"
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 470
µF:471, 1,000µF:102)
Lead forming·taping code
Terminal code
Voltage code (ex. 25V:250, 50V:500)
Series code
Category
E G P D A A A E A A A A A
A A A H
M
8
1
15 16 17
14
18
11 12 13
5
6
7
2
3
4
9
10
New!
Downsized
Higher ripple current
GPD
GPA
P186
193
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EGPD500E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD500E2LL42MM30H CHEMI-CON-EGPD500E2LL42MM30H Datasheet
313Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EGPD500E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EGPD350E CHEMI-CON-EGPD350E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD800E CHEMI-CON-EGPD800E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGPD500E CHEMI-CON-EGPD500E Datasheet
446Kb / 3P
   Long life, High ripple, 135?
EGXH100E CHEMI-CON-EGXH100E Datasheet
369Kb / 2P
   Long life, 135?
EGXH350E CHEMI-CON-EGXH350E Datasheet
369Kb / 2P
   Long life, 135?
EGXH500E CHEMI-CON-EGXH500E Datasheet
369Kb / 2P
   Long life, 135?
EGXH250E CHEMI-CON-EGXH250E Datasheet
369Kb / 2P
   Long life, 135?
logo
RUBYCON CORPORATION
35YXG1000MEFCG412.5X25 RUBYCON-35YXG1000MEFCG412.5X25 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
50YXG220M10X16 RUBYCON-50YXG220M10X16 Datasheet
284Kb / 3P
   105??High ripple current. Long Life.
logo
Cornell Dubilier Electr...
550283U6R3AK2B CDE-550283U6R3AK2B Datasheet
399Kb / 8P
   High Ripple, Long Life, Computer Grade
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com