Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFIC1505AR2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRFIC1505AR2
Description  MRFIC1505/MRFIC1505A Integrated GPS Downconverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFIC1505AR2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRFIC1505AR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRFIC1505AR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFIC1505AR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFIC1505AR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFIC1505AR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFIC1505AR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFIC1505AR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFIC1505AR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Freescale Semiconductor
3
Reference Oscillator Output Voltage Level (Into 15 pf II 10 k
Ω)
750
mVpp
Reference Clock Input Drive Level
400
800
1500
mVpp
PLL
First Local Oscillator Frequency
fLO1
1636.8
MHz
Second Local Oscillator Frequency
fLO2
65.47
MHz
VCO C/N (at 10 kHz Offset)
-80
dBc/Hz
VCO Gain (TBD Varactor)
200
MHz/V
Enable
Enable Active Level
0.8 x VCC
VCC
–V
Disable Active Level
0
0.2 x VCC
V
Voltage Regulator
Regulator Output Voltage
(VCC = 2.7 to 3.3 V, Iout = 3.0 mA)
VO
2.1
2.3
2.5
V
MRFIC505 Temperature Sense Specs
Temperature Sensor Output Voltage @ 25
°C
1.2
1.28
1.375
V
Temperature Sensor Slope over Temperature
5.0
mV/
°C
MRFIC505A Temperature Sense Specs
Temperature Sensor Output Voltage @ 25
°C
1.270
1.395
1.463
V
Temperature Sensor Slope over Temperature
5.0
mV/
°C
Electrical Characteristics (VCC = 2.7 to 3.3 V; TA = –40 to 85
°C; Enable = 2.7 V unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MRFIC1505AR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
   MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
More results

Similar Description - MRFIC1505AR2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
   MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
logo
Motorola, Inc
MRFIC1504 MOTOROLA-MRFIC1504 Datasheet
297Kb / 8P
   INTERGRATED GPS DOWNCONVERTER
logo
Analog Devices
ADSST-GPSRF01 AD-ADSST-GPSRF01_15 Datasheet
336Kb / 16P
   GPS RF Downconverter
REV. 0
logo
Motorola, Inc
MRFIC1502 MOTOROLA-MRFIC1502 Datasheet
163Kb / 7P
   1.575 GHz GPS DOWNCONVERTER
logo
Fairchild Semiconductor
RC2798 FAIRCHILD-RC2798 Datasheet
76Kb / 12P
   Integrated QAM IF Downconverter
logo
Motorola, Inc
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
   2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Maxim Integrated Produc...
MAX2741 MAXIM-MAX2741 Datasheet
239Kb / 12P
   Integrated L1-Band GPS Receiver
Rev 0; 1/05
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS_07 Datasheet
414Kb / 14P
   Fully integrated GPS LNA IC
logo
Maxim Integrated Produc...
MAX2740 MAXIM-MAX2740 Datasheet
189Kb / 8P
   Integrated GPS Receiver and Synthesizer
Rev 0; 4/00
logo
STMicroelectronics
SMA66-1 STMICROELECTRONICS-SMA66-1 Datasheet
404Kb / 14P
   Fully integrated GPS LNA IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com