Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110FX2-XX Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # 110FX2-XX
Description  Unmanaged Industrial Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

110FX2-XX Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  110FX2-XX Datasheet HTML 1Page - Red Lion Controls. Inc 110FX2-XX Datasheet HTML 2Page - Red Lion Controls. Inc 110FX2-XX Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
110FX2 Industrial Ethernet Switch
N-Tron Networking Series
Unmanaged Industrial Ethernet Switch
THEINDUSTRIALNETWORKCOMPANY
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
110FX2
PRODUCT FEATURES
• Compact, Space Saving Package
• Full IEEE 802.3 Compliance
• Eight 10/100BaseTX RJ-45 Ports
• Two 100BaseFX Ports, ST or SC Style
• Unmanaged Operation
• Extended Environmental Specifications
• -40ºC to 80ºC Operating Temperature
• >2 Million Hours MTBF
• Supports Full/Half Duplex Operation
• Auto Sensing 10/100BaseTX, Duplex, MDIX
• Full Wire Speed Communication
• Store-and-Forward Technology
• Redundant Power Inputs (10-49 VDC)
• ESD Protection Diodes on all RJ-45 Ports
• Surge Protection Diodes on Power Inputs
• LED Link/Activity Status Indication
• Hardened Metal DIN-Rail Enclosure
PRODUCT OVERVIEW
The N-TRON® 110FX2 unmanaged industrial network switch is designed to meet
the most demanding communications requirements while providing high throughput
and minimum downtime. The 10-port Ethernet switch is the perfect low-cost solution
for mission critical data acquisition, control, and Ethernet I/O applications.
Exceptional Quality
The ultra-compact 110FX2 provides exceptional performance and reliability under
harsh conditions. Enclosed in a high-grade metal case, the switch offers a robust
feature set that includes an extended temperature range, superior shock and
vibration resistance, redundant power inputs, surge and ESD protection, and
an exceptional MTBF—greater than two million hours. The space-saving design
includes an attached DIN-rail bracket for quick installation.
Versatile Connectivity
The 110FX2 includes eight RJ-45 auto-sensing 10/100BaseTX ports. All ports
support full/half duplex transmission and use N-Tron's proven Ethernet switching
technology. Setup is easy. The unit automatically configures itself on the network
and auto-negotiates both speed and flow control for all copper ports.
For fiber optic networks, the 110FX2 supplies two 100BaseFX ports. These
connections provide vital support for applications where EMI immunity or
communication over long distances (up to 80 km) is required. N-Tron offers
singlemode and multimode options, as well as SC- or ST-style connectivity.
Excellent Network Support
The 110FX2 is a brilliant plug-and-play solution for unmanaged operations,
eliminating virtually all network collisions. Designed with advanced communication
processing, store-and-forward programming and memory for up to 8,000
MAC-addresses, this powerful unit handles the demands of even the most
complex networks. Intelligent auto-sensing ports instantly recognize and resolve
10/100BaseTX, MDIX and duplex conflicts. For added convenience, LEDs are
provided to display link status and activity for each port.


Similar Part No. - 110FX2-XX

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
110FCD10B MACOM-110FCD10B Datasheet
269Kb / 5P
   3-phase Delta External Power Line Filter for Frequency Converters
logo
TE Connectivity Ltd
110FCD10B TEC-110FCD10B Datasheet
513Kb / 6P
   Corcom High Current AC Power Line Filters
logo
Tyco Electronics
110FCD10BS MACOM-110FCD10BS Datasheet
269Kb / 5P
   3-phase Delta External Power Line Filter for Frequency Converters
More results

Similar Description - 110FX2-XX

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
304TX REDLION-304TX Datasheet
764Kb / 3P
   Unmanaged Industrial Ethernet Switch
112FX4 REDLION-112FX4 Datasheet
708Kb / 3P
   Unmanaged Industrial Ethernet Switch
524TX REDLION-524TX Datasheet
498Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-SL REDLION-105TX-SL Datasheet
636Kb / 3P
   Unmanaged Industrial Ethernet Switch
509FX REDLION-509FX Datasheet
447Kb / 3P
   Unmanaged Industrial Ethernet Switch
309FX REDLION-309FX Datasheet
435Kb / 3P
   Unmanaged Industrial Ethernet Switch
305FX REDLION-305FX Datasheet
413Kb / 2P
   Unmanaged Industrial Ethernet Switch
517FX REDLION-517FX Datasheet
548Kb / 3P
   Unmanaged Industrial Ethernet Switch
105TX-POE REDLION-105TX-POE Datasheet
1Mb / 3P
   Unmanaged Industrial Ethernet Switch
105FX REDLION-105FX Datasheet
703Kb / 3P
   Unmanaged Industrial Ethernet Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com