Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8904Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8904Q
Description  AUTOMOTIVE 18VPP OUTPUT PEIZO SOUNDER DRIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8904Q Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8904Q Datasheet HTML 1Page - Diodes Incorporated PAM8904Q Datasheet HTML 2Page - Diodes Incorporated PAM8904Q Datasheet HTML 3Page - Diodes Incorporated PAM8904Q Datasheet HTML 4Page - Diodes Incorporated PAM8904Q Datasheet HTML 5Page - Diodes Incorporated PAM8904Q Datasheet HTML 6Page - Diodes Incorporated PAM8904Q Datasheet HTML 7Page - Diodes Incorporated PAM8904Q Datasheet HTML 8Page - Diodes Incorporated PAM8904Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PAM8904Q
Document number: DS38977 Rev. 1 - 2
1 of 11
www.diodes.com
June 2016
© Diodes Incorporated
PAM8904Q
AUTOMOTIVE 18VPP OUTPUT PEIZO SOUNDER DRIVER
Description
The PAM8904Q is a piezo sounder driver designed for driving a
ceramic/piezo sounder or speaker with 18Vpp from a 3V power
supply. A programmable charge pump boost converter allows the
PAM8904Q VOUT to operate in 1X, 2X and 3X mode.
The boost converter operates at a fixed frequency of 1.0MHz and
provides
a
9V
output
with a
minimum
number
of
external
components. PAMs unique drive technology ensures minimal inrush
current, low EMI and high efficiency.
To ensure maximum efficiency and battery life the PAM8904Q
includes an auto standby feature which puts the device in sleep mode
while there is no valid input signal. A forced shutdown is also
available to enable the IC only when required.
To help protect the IC and system the PAM8904Q includes
overtemperature shutdown, overcurrent and short circuit protection.
The PAM8904Q is available in a 16pin U-QFN3030 package.
The PAM8904Q is qualified to AEC-Q100 Grade 2 and is Automotive
Compliant supporting PPAPs.
Features
Supply voltage Range from 2.3V to 5V
18VPP Output from a 3V Supply
Integrated Boost Converter Generates 9V Supply
Wide Input signal capability 20Hz to 300KHz
Low Current Consumption
Automatic Standby and Wake-up Control
Overtemperature Shutdown and Short-Circuit Protection
Available in Space Saving Packages 16pin QFN package with
Green Molding
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q100 Standards for High Reliability
AEC-Q100 Grade 2
PPAP Capable (Note 4)
Pin Assignments
(Top View)
CP1
NC
CN2
VO1
DIN
CPM1
NC
CPM2
1
GND
U-QFN3030-16L
Applications
Automotive Alarms
Dash Board Audio
GPS
Electric Vehicle Approach Warning
Automotive Security Device
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. Automotive products are AEC-Q100 qualified and are PPAP capable. Refer to http://www.diodes.com/quality/product_compliance_definitions/.


Similar Part No. - PAM8904Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8904 DIODES-PAM8904 Datasheet
259Kb / 6P
   18VPP OUTPUT PEIZO SOUNDER DRIVER
PAM8904 DIODES-PAM8904 Datasheet
352Kb / 9P
   18VPP OUTPUT PIEZO SOUNDER DRIVER
PAM8904E DIODES-PAM8904E Datasheet
826Kb / 10P
   18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev. 2 - 2 February 2022
PAM8904EGPR DIODES-PAM8904EGPR Datasheet
826Kb / 10P
   18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev. 2 - 2 February 2022
PAM8904EJER DIODES-PAM8904EJER Datasheet
826Kb / 10P
   18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev. 2 - 2 February 2022
More results

Similar Description - PAM8904Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8904 DIODES-PAM8904 Datasheet
259Kb / 6P
   18VPP OUTPUT PEIZO SOUNDER DRIVER
PAM8904 DIODES-PAM8904_17 Datasheet
352Kb / 9P
   18VPP OUTPUT PIEZO SOUNDER DRIVER
PAM8904E DIODES-PAM8904E Datasheet
826Kb / 10P
   18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev. 2 - 2 February 2022
PAM8907 DIODES-PAM8907 Datasheet
695Kb / 10P
   31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
May 2021
PAM8906 DIODES-PAM8906 Datasheet
718Kb / 11P
   36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
December 2022 Rev. 1 - 2
logo
Gamewell-FCI by Honeywe...
B200SR GAMEWELL-FCI-B200SR Datasheet
48Kb / 1P
   Sensor Sounder Base
logo
STMicroelectronics
L99MOD51XP STMICROELECTRONICS-L99MOD51XP Datasheet
1Mb / 33P
   Multi-output driver for automotive applications
October 2019 Rev 6
L99MOD53XP STMICROELECTRONICS-L99MOD53XP Datasheet
1Mb / 35P
   Multi-output driver for automotive applications
November 2021 Rev 5
L99MOD50XP STMICROELECTRONICS-L99MOD50XP Datasheet
1Mb / 42P
   Multi-output driver for automotive applications
October 2019 Rev 4
L99MOD54XP STMICROELECTRONICS-L99MOD54XP Datasheet
1Mb / 35P
   Multi-output driver for automotive applications
October 2019 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com