Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT3946FL3 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # MMDT3946FL3
Description  40V COMPLEMENTARY NPN-PNP SMALL SIGNAL TRANSISTOR IN DFN1310-6
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT3946FL3 Datasheet(HTML) 6 Page - Diodes Incorporated

  MMDT3946FL3 Datasheet HTML 1Page - Diodes Incorporated MMDT3946FL3 Datasheet HTML 2Page - Diodes Incorporated MMDT3946FL3 Datasheet HTML 3Page - Diodes Incorporated MMDT3946FL3 Datasheet HTML 4Page - Diodes Incorporated MMDT3946FL3 Datasheet HTML 5Page - Diodes Incorporated MMDT3946FL3 Datasheet HTML 6Page - Diodes Incorporated MMDT3946FL3 Datasheet HTML 7Page - Diodes Incorporated MMDT3946FL3 Datasheet HTML 8Page - Diodes Incorporated MMDT3946FL3 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MMDT3946FL3
Datasheet Number DS38537 Rev.1 - 2
6 of 9
www.diodes.com
May 2016
© Diodes Incorporated
MMDT3946FL3
Electrical Characteristics, PNP 3906 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Collector-Base Breakdown Voltage
BVCBO
-40

V
IC = -100A, IE = 0
Collector-Emitter Breakdown Voltage
BVCEO
-40

V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-6.0

V
IE = -100A, IC = 0
Collector Cutoff Current
ICEX
-50
nA
VCE = -30V, VEB(OFF) = -3.0V
Base Cutoff Current
IBL
-50
nA
VCE = -30V, VEB(OFF) = -3.0V
ON CHARACTERISTICS (Note 7)
Static Forward Current Transfer Ratio
hFE
60
80
100
60
30

300
IC = -100µA, VCE = -1.0V
IC = -1.0mA, VCE = -1.0V
IC = -10mA, VCE = -1.0V
IC = -50mA, VCE = -1.0V
IC = -100mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.25
-0.40
V
IC = -10mA, IB = -1.0mA
IC = -50mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
-0.65
-0.85
-0.95
V
IC = -10mA, IB = -1.0mA
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
4.5
pF
VCB = -5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
10
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Current Gain-Bandwidth Product
fT
300
MHz
VCE = -20V, IC = -10mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
tD
35
ns
VCC = -3.0V, IC = -10mA,
VBE = -0.5V, IB1 = -1.0mA
Rise Time
tR
35
ns
Storage Time
tS
225
ns
VCC = -3.0V, IC = -10mA,
IB1 = -1.0mA, IB2 = 1.0mA
Fall Time
tF
75
ns
Note:
7.
Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.


Similar Part No. - MMDT3946FL3

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3946 TRSYS-MMDT3946 Datasheet
323Kb / 3P
   CMOPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Micro Commercial Compon...
MMDT3946 MCC-MMDT3946 Datasheet
368Kb / 6P
   NPN/PNP Small Signal Surface Mount Transistors
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
73Kb / 5P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
logo
Shenzhen Luguang Electr...
MMDT3946 LUGUANG-MMDT3946 Datasheet
808Kb / 5P
   Small Surface Mount Transistor
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
318Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 8 - 2
More results

Similar Description - MMDT3946FL3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2227Q DIODES-MMDT2227Q Datasheet
458Kb / 6P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
MMDT3946 DIODES-MMDT3946_15 Datasheet
265Kb / 8P
   40V COMPLEMENTARY NPN-PNP SMALL SIGNAL TRANSISTOR IN SOT363
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
MMBT3906FZ DIODES-MMBT3906FZ Datasheet
500Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3906LP DIODES-MMBT3906LP_15 Datasheet
409Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
MMBT3906FZ DIODES-MMBT3906FZ_15 Datasheet
500Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBT3906FA DIODES-MMBT3906FA_15 Datasheet
128Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
MMBT3906FA DIODES-MMBT3906FA Datasheet
128Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0806
2DA1774QLP DIODES-2DA1774QLP_15 Datasheet
355Kb / 5P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com