Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25Q21B Datasheet(PDF) 6 Page - ELM Electronics

Part # GD25Q21B
Description  2M-bit Serial Flash
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25Q21B Datasheet(HTML) 6 Page - ELM Electronics

Back Button GD25Q21B Datasheet HTML 2Page - ELM Electronics GD25Q21B Datasheet HTML 3Page - ELM Electronics GD25Q21B Datasheet HTML 4Page - ELM Electronics GD25Q21B Datasheet HTML 5Page - ELM Electronics GD25Q21B Datasheet HTML 6Page - ELM Electronics GD25Q21B Datasheet HTML 7Page - ELM Electronics GD25Q21B Datasheet HTML 8Page - ELM Electronics GD25Q21B Datasheet HTML 9Page - ELM Electronics GD25Q21B Datasheet HTML 10Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
6
Rev.1.1
49 -
http://www.elm-tech.com
GD25Q21BxIGx Uniform Sector Dual and Quad Serial Flash
Each device has
Each block has
Each sector has
Each page has
256K
64/32K
4K
256
bytes
1K
256/128
16
-
pages
64
16/8
-
-
sectors
4/8
-
-
-
blocks
3. MEMORY ORGANIZATION
Block
Sector
Address range
3
64
03F000H
03FFFFH
-----
-----
-----
-----
-----
-----
2
47
02F000H
02FFFFH
-----
-----
-----
32
020000H
020FFFH
1
31
01F000H
01FFFFH
-----
-----
-----
16
010000H
010FFFH
0
15
00F000H
00FFFFH
-----
-----
-----
0
000000H
000FFFH
GD25Q21B
GD25Q21B 64K Bytes Block Sector Architecture
4. DEVICE OPERATION
SPI Mode
Standard SPI
The GD25Q21B feature a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip Select (CS#),
Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported. Input data is
latched on the rising edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI
The GD25Q21B supports Dual SPI operation when using the “Dual Output Fast Read” and “Dual I/O Fast
Read” (3BH and BBH) commands. These commands allow data to be transferred to or from the device at two
times the rate of the standard SPI. When using the Dual SPI command the SI and SO pins become bidirectional
I/O pins: IO0 and IO1.
Uniform Block Sector Architecture


Similar Part No. - GD25Q21B

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25Q21B ELM-GD25Q21B Datasheet
3Mb / 49P
   Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25Q21B GIGADEVICE-GD25Q21B Datasheet
1,012Kb / 51P
   Uniform Sector Dual and Quad Serial Flash
2.1 2015-12-15
GD25Q21BOIGR GIGADEVICE-GD25Q21BOIGR Datasheet
1,012Kb / 51P
   Uniform Sector Dual and Quad Serial Flash
2.1 2015-12-15
GD25Q21BOIGT GIGADEVICE-GD25Q21BOIGT Datasheet
1,012Kb / 51P
   Uniform Sector Dual and Quad Serial Flash
2.1 2015-12-15
GD25Q21BOIGY GIGADEVICE-GD25Q21BOIGY Datasheet
1,012Kb / 51P
   Uniform Sector Dual and Quad Serial Flash
2.1 2015-12-15
More results

Similar Description - GD25Q21B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
   2M-bit Serial Flash Memory
LE25U20AMB SANYO-LE25U20AMB Datasheet
163Kb / 21P
   2M-bit (256K횞8) Serial Flash Memory
logo
OKI electronic componet...
MSM9892L OKI-MSM9892L Datasheet
107Kb / 7P
   2M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206_11 Datasheet
167Kb / 21P
   2M-bit (256K횞8) Serial Flash Memory
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
Generalplus Technology ...
GPR25L021B GENERALPLUS-GPR25L021B Datasheet
884Kb / 35P
   2M-Bit [x1/x2] CMOS Serial Flash
logo
Macronix International
MX25L2026C MCNIX-MX25L2026C Datasheet
1Mb / 41P
   2M-BIT [x 1] CMOS SERIAL FLASH
MX25L2005 MCNIX-MX25L2005 Datasheet
548Kb / 40P
   2M-BIT [x 1] CMOS SERIAL FLASH
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com