Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2904QS-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # LM2904QS-13
Description  AUTOMOTIVE COMPLIANT DUAL AND QUAD OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2904QS-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  LM2904QS-13 Datasheet HTML 1Page - Diodes Incorporated LM2904QS-13 Datasheet HTML 2Page - Diodes Incorporated LM2904QS-13 Datasheet HTML 3Page - Diodes Incorporated LM2904QS-13 Datasheet HTML 4Page - Diodes Incorporated LM2904QS-13 Datasheet HTML 5Page - Diodes Incorporated LM2904QS-13 Datasheet HTML 6Page - Diodes Incorporated LM2904QS-13 Datasheet HTML 7Page - Diodes Incorporated LM2904QS-13 Datasheet HTML 8Page - Diodes Incorporated LM2904QS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Document number: DS37815 Rev. 3 - 2
3 of 16
www.diodes.com
June 2016
© Diodes Incorporated
LM2902Q/LM2902AQ/LM2904Q/LM2904AQ
Absolute Maximum Ratings (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
±18 or 36
V
VID
Differential Input Voltage
36
V
VIN
Input Voltage
-0.3 to +36
V
θJA
Package Thermal Impedance
(Note 6)
LM2904_QS-13
150
°C/W
LM2904_QTH-13
175
LM2904_QM8-13
200
LM2902_QS14
89
LM2902_QT14
100
Output Short-Circuit to GND
(One Amplifier) (Note 7)
VCC ≤ 15V and TA = +25°C
Continuous
TA
Operating Temperature Range
-40 to +125
°C
TJ
Operating Junction Temperature
+150
°C
TST
Storage Temperature Range
-65 to +150
°C
Notes:
5. Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, functional
operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
6. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is
PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of +150°C can affect reliability.
7. Short circuits from outputs to VCC or ground can cause excessive heating and eventual destruction.
ESD Ratings
Human Body Mode ESD Protection (Note 8)
LM2901_QS14
500
V
LM2901_QT14
500
LM2903_QS-13
500
LM2903_QTH-13
500
LM2903_QM8-13
<500
Charge Device Mode ESD Protection
LM2901_QS14
1,000
LM2901_QT14
LM2903_QS-13
LM2903_QTH-13
LM2903_QM8-13
Note:
8
. Human body model, 1.5kΩ in series with 100pF.
Recommended Operating Conditions (Over Operating Free-Air Temperature Range, unless otherwise noted.)
Parameter
Min
Max
Units
Supply Voltage
Single Supply
2
36
V
Dual Supply
±1
±18
Ambient Temperature Range
-40
+125
°C
Junction Temperature Range
-40
+125


Similar Part No. - LM2904QS-13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2904Q2T STMICROELECTRONICS-LM2904Q2T Datasheet
1Mb / 28P
   Low-power dual operational amplifier
Rev 20 - August 2022
logo
Texas Instruments
LM2904QD TI-LM2904QD Datasheet
452Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904QD TI-LM2904QD Datasheet
459Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904QD TI1-LM2904QD Datasheet
1Mb / 30P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904QD TI1-LM2904QD Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - LM2904QS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
logo
Harris Corporation
HA5234 HARRIS-HA5234 Datasheet
277Kb / 5P
   Precision Dual and Quad Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Diodes Incorporated
LM2901Q DIODES-LM2901Q Datasheet
670Kb / 19P
   AUTOMOTIVE COMPLIANT DUAL AND QUAD DIFFERENTIAL COMPARATORS
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
Maxim Integrated Produc...
ICL7611ACPA MAXIM-ICL7611ACPA Datasheet
511Kb / 15P
   Single/Dual/Triple/Quad Operational Amplifiers
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Analog Devices
OP492 AD-OP492_15 Datasheet
386Kb / 20P
   Dual/Quad Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com