Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25LQ32C Datasheet(PDF) 2 Page - ELM Electronics

Part # GD25LQ32C
Description  32M-bit Serial Flash
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ32C Datasheet(HTML) 2 Page - ELM Electronics

  GD25LQ32C Datasheet HTML 1Page - ELM Electronics GD25LQ32C Datasheet HTML 2Page - ELM Electronics GD25LQ32C Datasheet HTML 3Page - ELM Electronics GD25LQ32C Datasheet HTML 4Page - ELM Electronics GD25LQ32C Datasheet HTML 5Page - ELM Electronics GD25LQ32C Datasheet HTML 6Page - ELM Electronics GD25LQ32C Datasheet HTML 7Page - ELM Electronics GD25LQ32C Datasheet HTML 8Page - ELM Electronics GD25LQ32C Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 62 page
background image
2
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ32CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
- Content -
Page
1. FEATURES
-------------------------------------------------------------------------------------------------
4
2. GENERAL DESCRIPTION
-----------------------------------------------------------------------------
5
3. MEMORY ORGANIZATION
--------------------------------------------------------------------------
6
4. DEVICE OPERATION
----------------------------------------------------------------------------------
7
5. DATA PROTECTION
------------------------------------------------------------------------------------
8
6. STATUS REGISTER
-------------------------------------------------------------------------------------
10
7. COMMANDS DESCRIPTION
-------------------------------------------------------------------------
11
7.1. Write Enable (WREN) (06H)
-----------------------------------------------------------------------
15
7.2. Write Disable (WRDI) (04H)
-----------------------------------------------------------------------
16
7.3. Write Enable for Volatile Status Register (50H)
--------------------------------------------------
17
7.4. Read Status Register (RDSR) (05H or 35H or 15H)
---------------------------------------------
18
7.5. Write Status Register (WRSR) (01H)
--------------------------------------------------------------
19
7.6. Read Data Bytes (READ) (03H)
--------------------------------------------------------------------
20
7.7. Read Data Bytes at Higher Speed (Fast Read) (0BH)
-------------------------------------------
20
7.8. Dual Output Fast Read (3BH)
----------------------------------------------------------------------
21
7.9. Quad Output Fast Read (6BH)
----------------------------------------------------------------------
22
7.10. Dual I/O Fast Read (BBH)
--------------------------------------------------------------------------
22
7.11. Quad I/O Fast Read (EBH)
--------------------------------------------------------------------------
23
7.12. Quad I/O Word Fast Read (E7H)
------------------------------------------------------------------
25
7.13. Set Burst with Wrap (77H)
--------------------------------------------------------------------------
27
7.14. Page Program (PP) (02H)
----------------------------------------------------------------------------
27
7.15. Quad Page Program (32H)
---------------------------------------------------------------------------
29
7.16. Sector Erase (SE) (20H)
-----------------------------------------------------------------------------
30
7.17. 32KB Block Erase (BE) (52H)
---------------------------------------------------------------------
31
7.18. 64KB Block Erase (BE) (D8H)
---------------------------------------------------------------------
32
7.19. Chip Erase (CE) (60/C7H)
--------------------------------------------------------------------------
33
7.20. Deep Power-Down (DP) (B9H)
---------------------------------------------------------------------
34
7.21. Release from Deep Power-Down and Read Device ID (RDI) (ABH)
-------------------------
35
7.22. Read Manufacture ID/Device ID (REMS) (90H)
-------------------------------------------------
37
7.23. Read Manufacture ID/Device ID Dual I/O (92H)
------------------------------------------------
38
7.24. Read Manufacture ID/Device ID Quad I/O (94H)
-----------------------------------------------
39
7.25. Read Identification (RDID) (9FH)
------------------------------------------------------------------
40
7.26. Program/Erase Suspend (PES) (75H)
--------------------------------------------------------------
41
7.27. Program/Erase Resume (PER) (7AH)
--------------------------------------------------------------
42


Similar Part No. - GD25LQ32C

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25LQ32C ELM-GD25LQ32C Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25LQ32C

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25Q32C ELM-GD25Q32C Datasheet
3Mb / 50P
   32M-bit Serial Flash
logo
Generalplus Technology ...
GPR25L322B GENERALPLUS-GPR25L322B Datasheet
850Kb / 38P
   32M-BIT [x1 / x2] CMOS SERIAL FLASH
logo
Winbond
W25P16VSFIG-TR WINBOND-W25P16VSFIG-TR Datasheet
924Kb / 43P
   8M-BIT, 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY
logo
Macronix International
MX25L3206E MCNIX-MX25L3206E Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3208E MCNIX-MX25L3208E Datasheet
760Kb / 47P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
ACE Technology Co., LTD...
ACE25QC320G ACE-ACE25QC320G Datasheet
2Mb / 56P
   32M BIT SPI NOR FLASH
VER 1.2
logo
E-CMOS Corporation
ECT25S32 E-CMOS-ECT25S32 Datasheet
2Mb / 44P
   32M BIT SPI NOR FLASH
logo
Winbond
W25Q32V WINBOND-W25Q32V Datasheet
1Mb / 61P
   32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com