Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25LQ128C Datasheet(PDF) 5 Page - ELM Electronics

Part # GD25LQ128C
Description  128M-bit Serial Flash
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ128C Datasheet(HTML) 5 Page - ELM Electronics

  GD25LQ128C Datasheet HTML 1Page - ELM Electronics GD25LQ128C Datasheet HTML 2Page - ELM Electronics GD25LQ128C Datasheet HTML 3Page - ELM Electronics GD25LQ128C Datasheet HTML 4Page - ELM Electronics GD25LQ128C Datasheet HTML 5Page - ELM Electronics GD25LQ128C Datasheet HTML 6Page - ELM Electronics GD25LQ128C Datasheet HTML 7Page - ELM Electronics GD25LQ128C Datasheet HTML 8Page - ELM Electronics GD25LQ128C Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
5
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ128CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
http://www.elm-tech.com
2. GENERAL DESCRIPTION
The GD25LQ128C (128M-bit) Serial flash supports the standard Serial Peripheral Interface (SPI), and supports
the Dual/Quad SPI and QPI mode: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2 (WP#), and
I/O3 (HOLD#). The Dual I/O data is transferred with speed of 266Mbits/s and the Quad I/O & Quad output data
is transferred with speed of 532Mbits/s.
8-LEAD SOP
8-LEAD WSON
Pin Name
I/O
Description
CS#
I
Chip Select Input
SO (IO1)
I/O
Data Output (Data Input Output 1)
WP# (IO2)
I/O
Write Protect Input (Data Input Output 2)
VSS
Ground
SI (IO0)
I/O
Data Input (Data Input Output 0)
SCLK
I
Serial Clock Input
HOLD# (IO3)
I/O
Hold Input (Data Input Output 3)
VCC
Power Supply
Pin Description
SPI
Command &
Control Logic
High Voltage
Generators
Page Address
Latch/Counter
Status
Register
Write Control
Logic
Byte Address
Latch/Counter
Column Decode And
256-Byte Page Buffer
Flash
Memory
CS#
SCLK
SI(IO0)
SO(IO1)
HOLD#(IO3)
WP#(IO2)
Block Diagram
Connection Diagram


Similar Part No. - GD25LQ128C

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
GD25LQ128C ELM-TECH-GD25LQ128C Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ128C GIGADEVICE-GD25LQ128C Datasheet
1Mb / 73P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ128CSIG GIGADEVICE-GD25LQ128CSIG Datasheet
1Mb / 73P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ128CSIS GIGADEVICE-GD25LQ128CSIS Datasheet
1Mb / 73P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ128CVIG GIGADEVICE-GD25LQ128CVIG Datasheet
1Mb / 73P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25LQ128C

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25Q128C ELM-GD25Q128C Datasheet
2Mb / 69P
   128M-bit Serial Flash
logo
Macronix International
MX25L12805D MCNIX-MX25L12805D Datasheet
425Kb / 42P
   128M-BIT [x 1] CMOS SERIAL FLASH
logo
Winbond
W25Q128JW WINBOND-W25Q128JW Datasheet
2Mb / 79P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
July 29, 2021
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC128G ACE-ACE25QC128G Datasheet
2Mb / 56P
   128M BIT SPI NOR FLASH
VER 1.1
logo
Winbond
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
   3V 128M-bit serial flash memory with dual/quad spi
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FVSIG WINBOND-W25Q128FVSIG_13 Datasheet
1Mb / 97P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128BV WINBOND-W25Q128BV_13 Datasheet
1Mb / 74P
   3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com