Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR211 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR211
Description  21-Bit Channel Link
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR211 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90CR211 Datasheet HTML 1Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 2Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 3Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 4Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 5Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 6Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 7Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 8Page - National Semiconductor (TI) DS90CR211 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS90CR211/DS90CR212
21-Bit Channel Link
General Description
The DS90CR211 transmitter converts 21 bits of CMOS/TTL
data into three LVDS (Low Voltage Differential Signaling)
data streams. A phase-locked transmit clock is transmitted in
parallel with the data streams over a fourth LVDS link. Every
cycle of the transmit clock 21 bits of input data are sampled
and transmitted. The DS90CR212 receiver converts the
LVDS data streams back into 21 bits of CMOS/TTL data. At
a transmit clock frequency of 40 MHz, 21 bits of TTL data are
transmitted at a rate of 280 Mbps per LVDS data channel.
Using a 40 MHz clock, the data throughput is 840
Mbit/s(105 Mbyte/s).
The multiplexing of the data lines provides a substantial
cable reduction. Long distance parallel single-ended buses
typically require a ground wire per active signal (and have
very limited noise rejection capability). Thus, for a 21-bit wide
data bus and one clock, up to 44 conductors are required.
With the Channel Link chipset as few as 9 conductors (3
data pairs, 1 clock pair and a minimum of one ground) are
needed. This provides a 80% reduction in required cable
width, providing a system cost savings, reduces connector
physical size, and reduces shielding requirements due to the
cables smaller form factor.
The 21 CMOS/TTL inputs can support a variety of signal
combinations. For example, 5 4-bit nibbles plus 1 control, or
2 9-bit (byte + parity) and 3 control.
Features
n Narrow bus reduces cable size and cost
n ±1V Common mode range (ground shifting)
n 290 mV swing LVDS data transmission
n 840 Mbit/s data throughput
n Low swing differential current mode drivers reduce EMI
n Rising edge data strobe
n Power down mode
n Offered in low profile 48-lead TSSOP package
Block Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
DS90CR211
DS012637-27
Order Number DS90CR211MTD
See NS Package Number MTD48
DS90CR212
DS012637-1
Order Number DS90CR212MTD
See NS Package Number MTD48
July 1997
© 1998 National Semiconductor Corporation
DS012637
www.national.com


Similar Part No. - DS90CR211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR211 TI1-DS90CR211 Datasheet
301Kb / 15P
[Old version datasheet]   DS90CR211/DS90CR212 21-Bit Channel Link
DS90CR211MTDX TI1-DS90CR211MTDX Datasheet
301Kb / 15P
[Old version datasheet]   DS90CR211/DS90CR212 21-Bit Channel Link
More results

Similar Description - DS90CR211

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR213 NSC-DS90CR213 Datasheet
264Kb / 14P
   21-Bit Channel Link??6 MHz
logo
Texas Instruments
DS90CR213 TI-DS90CR213_05 Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
DS90CR211MTDX TI1-DS90CR211MTDX Datasheet
301Kb / 15P
[Old version datasheet]   DS90CR211/DS90CR212 21-Bit Channel Link
logo
National Semiconductor ...
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
logo
Texas Instruments
DS90CR215 TI1-DS90CR215_15 Datasheet
1Mb / 23P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com